Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4783IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4783IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4783IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F4783IPZ Datasheet HTML 45Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 46Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 47Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 48Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 49Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 50Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 51Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 52Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
typical characteristics − SD16_A SNR/SINAD performance over OSR
OSR
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
10.00
100.00
1000.00
Figure 26. SNR/SINAD performance over OSR, fSD16 = 1MHz, SD16REFON = 1, SD16GAINx = 1
VIN(t) = 1.2V + 500mV y sin(2p y 50Hz y t)
SINAD
SNR
SD16_A, temperature sensor and built-in VCC sense
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TCSensor
Sensor temperature
coefficient
1.18
1.32
1.46
mV/K
VOffset, sensor
Sensor offset voltage
−100
100
mV
St
t
lt
Temperature sensor voltage at TA = 85°C
3 V
435
475
515
VSensor
Sensor output voltage
(see Note 2)
Temperature sensor voltage at TA = 25°C
3 V
355
395
435
mV
VSensor
(see Note 2)
Temperature sensor voltage at TA = 0°C
3 V
320
360
400
mV
VCC, Sense
VCC divider at input 5
fSD16 = 32kHz, SD16OSRx = 256, SD16REFON = 1
0.08
1/11
0.10
VCC
RSource, VCC
Source resistance of
VCC divider at input 5
500
k
Ω
NOTES:
1. The following formula can be used to calculate the temperature sensor output voltage:
VSensor, typ = TCSensor ( 273 + T [°C] ) + VOffset, sensor [mV]
2. Results based on characterization and/or production test, not TCSensor or VOffset, sensor.
Measured with fSD16 = 1MHz, SD16OSRx = 256, SD16REFON = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com