Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4783IPZ Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4783IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4783IPZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F4783IPZ Datasheet HTML 23Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 24Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 25Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 26Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 27Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 28Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 29Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 30Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Schmitt-trigger inputs − Ports P1 through P5, P7 through P10, RST/NMI, JTAG: TCK, TMS, TDI/TCLK, TDO/TDI
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
P
iti
i
i
t th
h ld
0.45
0.75
VCC
VIT+
Positive-going input threshold
voltage
2.2 V
1.00
1.65
V
VIT+
voltage
3 V
1.35
2.25
V
Nti
i
it th
h ld
0.25
0.55
VCC
VIT−
Negative-going input threshold
voltage
2.2 V
0.55
1.20
V
VIT−
voltage
3 V
0.75
1.65
V
V
Input voltage hysteresis (VIT+ −
2.2 V
0.2
1.0
V
Vhys
Input voltage hysteresis (VIT+
VIT−)
3 V
0.3
1.0
V
RPull
Pull−up/pull−down resistor
(not RST/NMI and JTAG pins)
For pull−up: VIN = VSS,
For pull−down: VIN = VCC
20
35
50
k
W
CI
Input Capacitance
VIN = VSS or VCC
5
pF
inputs − Ports P1, P2
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
t(int)
External interrupt timing
Port P1, P2: P1.x to P2.x, External
trigger puls width to set interrupt flag,
(see Note 1)
2.2 V/3 V
20
ns
NOTES:
1. An external signal sets the interrupt flag every time the minimum interrupt puls width t(int) is met. It may be set even with trigger signals
shorter than t(int).
leakage current − Ports P1 through P5, P7 through P10
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(Px.x)
High-impedance leakage current
see Notes 1 and 2
2.2 V/3 V
±50
nA
NOTES:
1. The leakage current is measured with VSS or VCC applied to the corresponding pin(s), unless otherwise noted.
2. The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com