Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4783IPZ Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4783IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4783IPZ Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430F4783IPZ Datasheet HTML 21Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 22Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 23Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 24Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 25Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 26Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 27Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 28Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
supply current into AVCC + DVCC excluding external current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Active mode, (see Note 1)
f(MCLK) = f(SMCLK) = 1 MHz,
f
32 768 Hz
T
40
°Cto85°C
VCC = 2.2 V
280
350
A
I(AM)
()
()
f(ACLK) = 32, 768 Hz
XTS_FLL = 0, SELM = (0, 1)
(Program executes from flash)
TA = −40°C to 85°C
VCC = 3 V
420
560
μA
I
Low-power mode, (LPM0)
T
40
°Cto85°C
VCC = 2.2 V
45
70
A
I(LPM0)
Low power mode, (LPM0)
(see Notes 1, 4)
TA = −40°C to 85°C
VCC = 3 V
75
110
μA
I
Low-power mode, (LPM2),
f
f
0 MHz
T
40
°Cto85°C
VCC = 2.2 V
11
14
A
I(LPM2)
f(MCLK) = f (SMCLK) = 0 MHz,
f(ACLK) = 32, 768 Hz, SCG0 = 0 (see Notes 2, 4)
TA = −40°C to 85°C
VCC = 3 V
17
22
μA
Low power mode (LPM3)
TA = −40°C
1.0
2.0
Low-power mode, (LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
TA = 25°C
V
22V
1.1
2.0
A
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32, 768 Hz, SCG0 = 1
TA = 60°C
VCC = 2.2 V
2.0
3.0
μA
I
f(ACLK)
32, 768 Hz, SCG0
1
Basic Timer1 enabled, ACLK selected
LCD A enabled LCDCPEN
0
TA = 85°C
3.0
6.0
I(LPM3)
LCD_A enabled, LCDCPEN = 0,
(static mode, fLCD = f(ACLK) /32)
TA = −40°C
1.2
3.0
(static mode, fLCD = f(ACLK) /32)
(see Notes 2, 3, 4)
TA = 25°C
V
3V
1.3
3.0
A
(see Notes 2, 3, 4)
TA = 60°C
VCC = 3 V
2.5
3.5
μA
TA = 85°C
3.5
7.5
Low power mode (LPM3)
TA = −40°C
3.5
5.5
Low-power mode, (LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
TA = 25°C
V
22V
3.5
5.5
A
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32, 768 Hz, SCG0 = 1
TA = 60°C
VCC = 2.2 V
5.5
7.0
μA
I
f(ACLK)
32, 768 Hz, SCG0
1
Basic Timer1 enabled, ACLK selected
LCD A enabled LCDCPEN
0
TA = 85°C
11.0
17.0
I(LPM3)
LCD_A enabled, LCDCPEN = 0,
(4−mux mode, fLCD = f(ACLK) /32)
TA = −40°C
4.0
8.0
(4−mux mode, fLCD = f(ACLK) /32)
(see Notes 2, 3, 4)
TA = 25°C
V
3V
4.0
6.5
A
(see Notes 2, 3, 4)
TA = 60°C
VCC = 3 V
6.0
8.0
μA
TA = 85°C
13.0
20.0
TA = −40°C
0.1
1.0
TA = 25°C
V
22V
0.2
1.0
A
Low-power mode (LPM4)
TA = 60°C
VCC = 2.2 V
1.0
2.0
μA
I
Low-power mode, (LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
TA = 85°C
1.8
5.0
I(LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
f(ACLK) = 0 Hz, SCG0 = 1
(N t
2 4)
TA = −40°C
0.1
2.0
(ACLK)
(see Notes 2, 4)
TA = 25°C
V
3V
0.2
2.0
A
TA = 60°C
VCC = 3 V
1.5
2.5
μA
TA = 85°C
2.0
6.0
NOTES:
1. Timer_A is clocked by f(DCOCLK) = f(DCO) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
2. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
3. The LPM3 currents are characterized with a Micro Crystal CC4V−T1A (9 pF) crystal and OSCCAPx = 1h.
4. Current for brownout included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com