Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1548 Datasheet HTML 1Page - Semtech Corporation SC1548 Datasheet HTML 2Page - Semtech Corporation SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Pin Descriptions
Top View
SOT-23-5L
Notes:
(1) Where -X.X denotes voltage options. Available
voltages are: 1.515V (-1.5) and 1.818V (-1.8). Leave blank
for adjustable version.
(2) Only available in tape and reel packaging. A reel
contains 3000 units.
r
e
b
m
u
N
t
r
a
P
)
2
()
1
(
e
g
a
k
c
a
P
R
T
.
X
.
X
-
K
S
C
8
4
5
1
C
S5
-
3
2
-
T
O
S
Pin Configuration
Ordering Information
Block Diagram
n
i
Pe
m
a
N
n
i
Pn
o
it
c
n
u
F
n
i
P
1S
N
S
J
D
A
e
h
t
f
o
e
c
r
u
o
s
e
h
t
o
t
e
s
n
e
s
e
t
o
m
e
r
a
s
a
e
s
U
.
s
n
o
it
p
o
e
g
a
tl
o
v
t
u
p
t
u
o
d
e
x
if
r
o
f
t
u
p
n
i
e
s
n
e
s
r
o
t
a
l
u
g
e
R
.
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
o
t
r
e
f
e
r
(
s
w
o
ll
o
f
s
a
e
g
a
tl
o
v
t
u
p
t
u
o
t
e
S
.
n
o
i
s
r
e
v
e
g
a
tl
o
v
t
u
p
t
u
o
e
l
b
a
t
s
u
j
d
a
r
o
f
t
u
p
n
i
e
s
n
e
s
r
o
t
a
l
u
g
e
R
:)
1
e
g
a
p
n
o
ti
u
c
ri
c
n
o
it
a
c
il
p
p
a
2D
N
G.
d
n
u
o
r
G
3V
R
D
t
u
p
t
u
o
e
h
t
n
i
a
t
n
i
a
m
o
t
T
E
F
S
O
M
l
e
n
n
a
h
c
-
N
n
a
f
o
e
t
a
g
e
h
t
s
e
v
ir
D
.r
o
t
a
l
u
g
e
r
f
o
t
u
p
t
u
O
.
d
e
ri
s
e
d
e
g
a
tl
o
v
4N
I.
y
l
p
p
u
s
V
2
1
+
5N
E
s
i
N
E
n
e
h
w
ff
o
s
n
r
u
t
r
o
t
a
l
u
g
e
r
f
o
t
u
p
t
u
O
.
p
u
ll
u
p
l
a
n
r
e
t
n
i
h
ti
w
l
o
r
t
n
o
c
e
l
b
a
n
e
h
g
i
h
e
v
it
c
A
.
w
o
l
n
e
k
a
t
 +
•
=
2
R
1
R
1
263
.
1
VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com