Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1548 Datasheet HTML 1Page - Semtech Corporation SC1548 Datasheet HTML 2Page - Semtech Corporation SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
I
V
N
I
5
1
+
o
t
5
.
0
-V
s
n
i
P
t
u
p
n
I
V
J
D
A
V
,
N
E
V
,
S
N
S
7
+
o
t
5
.
0
-V
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
q
C
J
1
8W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
d
e
p
m
I
l
a
m
r
e
h
T
q
A
J
6
5
2W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
0
7
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
5
2
1
+
o
t
0C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
N
I
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
8
2
.
1
1
0
0
.
2
1
2
7
.
2
1
V
t
n
e
rr
u
C
t
n
e
c
s
e
i
u
QI
Q
0
.
15
.
1A
m
0
.
2
t
u
o
k
c
o
L
e
g
a
tl
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
tr
a
t
SO
L
V
U7
8
9
V
N
E
t
n
e
rr
u
C
n
i
P
e
l
b
a
n
EI
N
E
V
N
E
V
0
=0
0
10
5
1A
µ
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
TV
)
N
E
(
H
T
V
N
E
g
n
i
s
ir8
.
13
.
2V
s
i
s
e
r
e
t
s
y
HV
T
S
Y
H
0
0
2V
m
e
m
i
T
y
a
l
e
D
e
l
b
a
n
E
)
3
()
2
(
t
)
N
O
(
D
V
N
E
m
o
rf
d
e
r
u
s
a
e
m
,
h
g
i
H
o
t
w
o
L
=
V
N
E
V
=
)
N
E
(
H
T
V
%
0
1
o
t
V
R
D
0
0
5s
n
e
m
i
T
y
a
l
e
D
e
l
b
a
s
i
D
)
3
()
2
(
t
)
F
F
O
(
D
V
N
E
m
o
rf
d
e
r
u
s
a
e
m
,
w
o
L
o
t
h
g
i
H
=
V
N
E
V
=
)
N
E
(
H
T
V
%
0
9
o
t
V
R
D
0
5
1s
n
)
s
t
r
a
P
e
g
a
tl
o
V
t
u
p
t
u
O
d
e
x
i
F
(
S
N
S
t
n
e
rr
u
C
n
i
P
e
s
n
e
SI
S
N
S
g
n
i
k
n
i
S
5
7
0
0
1
5
2
1
A
µ
)
s
t
r
a
P
e
g
a
tl
o
V
t
u
p
t
u
O
e
l
b
a
t
s
u
j
d
A
(
J
D
A
t
n
e
rr
u
C
n
i
P
t
s
u
j
d
AI
J
D
A
g
n
i
c
r
u
o
S5
2
.
0A
µ
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
2
(
V
J
D
A
V
0
.
3
£ V
R
W
P
)
4
(
£
A
m
1
,
V
6
.
3
£ I
T
U
O
£ A
1%
5
.
1
-3
6
2
.
1%
5
.
1
+V
%
5
.
2
-%
5
.
2
+
Absolute Maximum Ratings
Electrical Characteristics(1)
Unless specified: T
A = 25°C, VIN = 12V, VPWR = 3.3V, IOUT = 0A. Values in bold apply over full operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com