Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation SC1548 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Output Short Circuit Glitch Immunity
vs. Junction Temperature
Drive Pin Rise Time vs.
Junction Temperature
Drive Pin Fall Time vs.
Junction Temperature
SC1548CSK-1.8 Small Signal Gain
and Phase Shift vs. Frequency
Typical Characteristics (Cont.)(1)
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
T
J (°C)
VIN = 12V
VEN = 3.3V
ROUT of 0Ω applied to output
Two representative parts shown
0
200
400
600
800
1000
1200
025
50
75
100
125
TJ (°C)
VIN = 12V
VEN switched from 0V to 3.3V
Two representative parts shown
SC1548CSK-1.5 Small Signal Gain
and Phase Shift vs. Frequency
SC1548CSK Small Signal Gain
and Phase Shift vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
T
J (°C)
VIN = 12V
VEN switched from 3.3V to 0V
Two representative parts shown
-80
-60
-40
-20
0
20
40
60
80
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
Gain (dB)
-360
-315
-270
-225
-180
-135
-90
-45
0
Gain
Phase
IOUT = 1.8A
-80
-60
-40
-20
0
20
40
60
80
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
f (Hz)
-360
-315
-270
-225
-180
-135
-90
-45
0
Gain
Phase
IOUT = 1.8A
-80
-60
-40
-20
0
20
40
60
80
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
f (Hz)
-360
-315
-270
-225
-180
-135
-90
-45
0
VOUT = 2V
IOUT = 1.8A
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com