Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation SC1548 Datasheet HTML 12Page - Semtech Corporation SC1548 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Typical Characteristics (Cont.)(1)
Trace 1: V
OUT, AC coupled, 50mV/div.
Trace 2: V
DRV, 2V/div.
Trace M3: load stepping from 1A to 0A
Timebase: 1µs/div
Load Transient Response, Expanded
Trace 1: V
DRV, 1V/div.
Trace 2: V
EN, 2V/div.
Timebase: 100ns/div
t
D(OFF) » 36ns
Disable Delay Time, t
D(OFF)
Load Transient Response
Trace 1: V
OUT, AC coupled, 50mV/div.
Trace 2: V
DRV, 2V/div.
Trace M3: load stepping from 0A to 1A to 0A
Timebase: 10µs/div
Load Transient Response, Expanded
Trace 1: V
OUT, AC coupled, 50mV/div.
Trace 2: V
DRV, 2V/div.
Trace M3: load stepping from 0A to 1A
Timebase: 1µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com