Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Typical Characteristics (Cont.)(1)
0
25
50
75
100
125
150
175
200
0
25
50
75
100
125
TJ (°C)
VIN = 12V
75
80
85
90
95
100
105
110
115
120
125
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN = 3.3V
VSNS = VO(NOM)
9.00
9.50
10.00
10.50
11.00
11.50
12.00
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VSNS = 0V
IDRV = 0mA
1.790
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
1.835
1.840
1.845
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN = 3.3V
3.0V
≤ V
PWR ≤ 3.6V
1mA
≤ I
O ≤ 1A
Disable Delay Time vs.
Junction Temperature
Sense Pin Current vs.
Junction Temperature
Drive Output Voltage vs.
Junction Temperature
Output Voltage (SC1548CSK-1.8)
vs. Junction Temperature
OCP Trip Threshold (SC1548CSK-1.8)
vs. Junction Temperature
Power-Up Output Short Circuit Immunity
vs. Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
T
J (°C)
VIN = 12V
VEN = 3.3V
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
T
J (°C)
VIN = 12V
VEN switched from 0V to 3.3V
ROUT = 0Ω
Two representative parts
shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com