Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1548 Datasheet HTML 1Page - Semtech Corporation SC1548 Datasheet HTML 2Page - Semtech Corporation SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Notes:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) See Application Circuit on page 1.
(3) See Timing Diagram on page 4.
(4) Connected to FET drain.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
ti
n
U
)
s
t
r
a
P
e
g
a
tl
o
V
t
u
p
t
u
O
d
e
x
i
F
(
n
o
it
a
l
u
g
e
R
e
g
a
tl
o
V
t
u
p
t
u
O
e
g
a
tl
o
V
t
u
p
t
u
O
)
2
(
V
T
U
O
V
0
.
3
£ V
R
W
P
)
4
(
£
A
m
1
,
V
6
.
3
£ I
T
U
O
£ A
1%
5
.
1
-V
T
U
O
%
5
.
1
+V
%
5
.
2
-%
5
.
2
+
V
R
D
t
n
e
rr
u
C
t
u
p
t
u
OI
V
R
D
V
V
R
D
V
,
V
4
=
S
N
S
V
2
.
1
=
5
0
1A
m
e
g
a
tl
o
V
t
u
p
t
u
OV
V
R
D
I
,
n
O
ll
u
F
V
R
D
A
m
0
=
0
.
9
5
.
0
1V
e
m
i
T
e
s
i
R
)
3
(
)
2
(
t
r
V
N
E
m
o
rf
d
e
r
u
s
a
e
m
,
h
g
i
H
o
t
w
o
L
=
V
N
E
V
=
)
N
E
(
H
T
V
%
0
9
o
t
V
R
D
0
.
1s
m
e
m
i
T
ll
a
F
)
3
(
)
2
(
t
f
V
N
E
m
o
rf
d
e
r
u
s
a
e
m
,
w
o
L
o
t
h
g
i
H
=
V
N
E
V
=
)
N
E
(
H
T
V
%
0
1
o
t
V
R
D
0
5
5s
µ
n
o
it
c
e
t
o
r
P
t
n
e
r
r
u
c
r
e
v
O
d
l
o
h
s
e
r
h
T
p
ir
TV
)
C
O
(
H
T
0
3
0
5
0
7
V
%
T
U
O
tr
o
h
S
t
u
p
t
u
O
p
u
-r
e
w
o
P
y
ti
n
u
m
m
I
ti
u
c
ri
C
15
0
6s
m
h
c
ti
l
G
ti
u
c
ri
C
tr
o
h
S
t
u
p
t
u
O
y
ti
n
u
m
m
I
5
.
04
0
1s
m
n
o
it
c
e
S
l
o
r
t
n
o
C
h
t
d
i
w
d
n
a
BV
V
R
D
C
,
%
5
=
D
H
T
,
V
9
=
L
F
p
0
0
6
=5
z
H
M
Unless specified: T
A = 25°C, VIN = 12V, VPWR = 3.3V, IOUT = 0A. Values in bold apply over full operating temperature range.
Electrical Characteristics (Cont.)(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com