Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1548 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 2Page - Semtech Corporation SC1548 Datasheet HTML 3Page - Semtech Corporation SC1548 Datasheet HTML 4Page - Semtech Corporation SC1548 Datasheet HTML 5Page - Semtech Corporation SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
0
25
50
75
100
125
150
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN = 0V
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
TJ (°C)
VIN = 12V
Enable Pin Current vs.
Junction Temperature
Enable Delay Time vs.
Junction Temperature
Quiescent Current vs.
Junction Temperature
Start Threshold vs.
Junction Temperature
Enable Threshold Voltage
vs. Junction Temperature
Enable Hysteresis vs.
Junction Temperature
Typical Characteristics(1)
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
T
J (°C)
VIN = 12V, VEN = 3.3V
6.0
6.5
7.0
7.5
8.0
8.5
9.0
0
25
50
75
100
125
T
J (°C)
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN rising
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com