Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 25 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 25 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 24Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 25Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 26Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 27Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 28Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 29Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
4.3.3 Eclipse Model 705 Configuration Parameters
This set of parameters within the Transducer Block is impor-
tant and required to configure every Eclipse Model 705
transmitter.
PROBE_MODEL: Select the choice that corresponds to the
first four digits of the model number of the probe. An “x”
in the selection means that character is variable (the probe
model number is shown on the nameplates attached to both
the transmitter and probe). For example, 7xA-x should be
chosen for probe models beginning with 7EA or 7MA.
PROBE_MOUNT: Select the type of mounting on the
probe. The choices are NPT, BSP, and Flange.
MEASUREMENT_TYPE: Select from LEVEL ONLY,
LEVEL AND VOLUME, INTERFACE, or INTERFACE
AND VOLUME.
PROBE_LENGTH: Enter the exact length of the probe.
The probe length is shown as the last three digits of the
probe model number printed on the nameplates attached to
the transmitter and probe. PROBE_LENGTH is shown in
SENSOR_UNITs.
LEVEL_OFFSET: Enter the distance from the probe tip to
the desired 0% reference in PROBE_LEVEL_UNITs. The
acceptable range is from -300 inches to 600 inches. Refer to
Section 4.3.4 for additional information.
DIELECTRIC_RANGE: Select from 10–100, 3–10,
1.7–3.0, or 1.7–1.4
NOTE: All dielectric ranges are not available with all probes.
If an unsupported dielectric range is selected, the transmitter
will give a negative response and the value displayed will
revert to its previous value.
THRESHOLD: The threshold can be set as either FIXED
or CFD. The factory default is CFD. This parameter should
only be changed to FIXED in those applications measuring
total level having a lower dielectric material over a higher
dielectric material. A typical example for FIXED Threshold
is a hydrocarbon application having water bottoms.
25
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
Offset
Probe Length
Probe Mount
0%
Probe Model
Dielectric
of Medium
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com