Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 43 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 43 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 39Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 40Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 46Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 47Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.3.3 Performance - Model 705 Interface
Reference Conditions
Reflection from liquid of selected dielectric at +70° F (+20° C) with 72" probe
Linearity
<0.5 inch
Measured Error
Upper layer ±1 inch
Interface layer ±1 inch (clean distinct interface required)
Upper Layer Dielectric
1.4–5.0
Interface Layer Dielectric
>15
Resolution
±0.1 inch
Repeatability
<0.5 inch
Hysteresis
<0.5 inch
Response Time
<1 second
Warm-up Time
<5 seconds
Operating Temp. Range
-40° to +175° F (-40° to +80° C)
LCD Temp. Range
-5° to +160° F (-20° to +70° C)
Ambient Temp. Effect
Approximately ±0.02% of probe length/ ° C
Humidity
0-99%, non-condensing
Electromagnetic Compatibility
Meets CE requirements (EN-61000-6-2/2001, EN 61000-6-4/2001)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com