Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 45 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 45 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 41Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 46Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 47Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 48Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 49Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
45
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.5
Model Numbers
7.5.1 Transmitter
0
None
0
3
⁄4" NPT
1
M20
1
Cast aluminum, dual compartment, 45° angle
2
316 stainless steel, dual compartment, 45° angle
1
Integral, General Purpose & Intrinsically Safe
(FM & CSA), Non-incendive (Class I, Div. 2)
2
Remote, General Purpose & Intrinsically Safe
(FM & CSA), Non-incendive (Class I, Div. 2)
3
Integral, Explosion Proof (FM & CSA)
4
Remote, Explosion Proof (FM & CSA)
A
Integral, General Purpose & Intrinsically Safe
(ATEX & JIS EEx ia IIC T4)
B
Remote, General Purpose & Intrinsically Safe
(ATEX & JIS EEx ia IIC T4)
C
Integral, Explosion Proof (ATEX EEx d ia IIC T4)
(must be ordered with Conduit Connection Codes 0 and 1)
D
Remote, Explosion Proof (ATEX EEx d ia IIB T4)
(must be ordered with Conduit Connection Codes 0 and 1)
E
Integral, Non-incendive (ATEX EEx n IIC T6) (Model 705 only)
F
Remote, Non-incendive (ATEX EEx n IIC T6) (Model 705 only)
0
No digital display and keypad
A
Digital display and keypad
1
4-20 mA with HART
2FOUNDATION fieldbus™ Digital Communications (English only)
3
PROFIBUS PA™ Digital Communications (English Only)
SIGNAL OUTPUT
70
5
5
705
Eclipse Guided Wave Radar Level Transmitter
5
24 VDC, Two-wire
BASIC MODEL NUMBER
POWER
ACCESSORIES
CONDUIT CONNECTION
MOUNTING/CLASSIFICATION
HOUSING
OPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com