Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 46 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 46 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 42Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 43Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 44Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 45Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 46Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 47Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 48Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 49Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 50Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
7.5.2 Probe
7
Refer to pages 47 and 48 for selections
24" to 240" (60 cm to 610 cm) (7xS only: 180" (457 cm) maximum)
(unit of measure is determined by second digit of Model Number)
Examples: 24 inches = 024; 60 centimeters = 060
0
Viton® GFLT
1
EPDM (Ethylene Propylene Rubber)
2
Kalrez 4079
8
Aegis PF128
N
None (Use with probes 7xD, 7xP, 7xF-E, 7xF-F, 7xF-P)
A
316/316L stainless steel
B
Hastelloy C, Configuration/Style codes A, B, F and R only
C
Monel, Configuration/Style codes A, B, F and R only
E
Sanitary, 316/316L stainless steel (20 Ra finish), Configuration/Style code F only,
Process connections codes 4P, 5P, and 6P only
F
PFA faced flange, 2" to 4", 150# to 300#, Configuration/Style code F only,
Process connection codes 43, 44, 53, 54, 63, 64, DA, DB, EA, EB, FA, and FB only
K
316/316L stainless steel probe and process connection, ASME B31.1 specifications (model 7xS only)
P
Paint Probe, 316/316L SS, 3⁄4" process connection or larger
Configuration/Style code F only: maximum length 72"
4
PFA insulated rod, 2" NPT process connection or larger, Configuration/Style code F only
MATERIAL OF CONSTRUCTION
7E
Eclipse GWR probe, English unit of measure
7M
Eclipse GWR probe, Metric unit of measure
PROCESS CONNECTION SIZE/TYPE
BASIC MODEL NUMBER
CONFIGURATION/STYLE
O-RINGS
LENGTH – PROBE MODELS 7xA, 7xB, 7xD, 7xF, 7XJ, 7xP, 7xR & 7xS
LENGTH – PROBE MODEL 7x1, 7x2, 7x5 & 7x7
6' to 75' (2 to 22 m) (unit of measure is determined by second
digit of Model Number) Examples: 30 feet = 030; 10 meters = 010
A
Coaxial, 3⁄4" process connection or larger
(Dielectric range
≥1.4)
B
Twin Rod, 2" NPT or 3" flanged process connection or larger
(Dielectric range
≥1.9)
D
Coaxial, High Temperature/High Pressure, 3⁄4" process conn. or larger (Dielectric range
≥1.4)
F
Single Rod, Rigid, 2" process connection or larger
(Dielectric range
≥1.9)
J
Single Rod, Rigid, High Temperature/High Pressure
(Dielectric range
≥ 1.9)
P
Coaxial, High Pressure, 3⁄4" process connection or larger
(Dielectric range
≥1.4)
R
Coaxial, Overfill, 3⁄4" process connection or larger
(Dielectric range
≥1.4)
S
Coaxial, Hot Water/Steam, 3⁄4" process connection or larger
(Dielectric range
≥10)
1
Single Rod, Flexible, 2" process connection or larger
(Dielectric range
≥1.9)
2
Single Rod, Flexible Bulk Solid, 2" process connection or larger
(Dielectric range
≥4.0)
5
Twin Rod, Flexible Bulk Solid, 2" process connection or larger
(Dielectric range
≥1.9)
7
Twin Rod Flexible, 2" NPT or 3" flanged process connection or larger (Dielectric range 1.9–10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com