| Electronic Components Datasheet Search |
|
705-5100-F21 Datasheet(PDF) 34 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
705-5100-F21 Datasheet(HTML) 34 Page - Magnetrol International, Inc. |
|
34 / 52 page ![]() 34 57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™ When the Model 705 is operating correctly, the QUALITY is shown as “GOOD,” and the SUB_STATUS is “Non- Specific.” Depending on the FAIL SAFE MODE in AI BLOCK, when the Enhanced Model 705 measurement cycle fails to find a valid output level, the transmitter maintains the last good value as the output and flags the failure. The LIMIT attribute is the same as the last good measurement. Excessive disrupted cycles causes the transmitter to go into a defined operational mode based on the cause of the disrupted cycles. When the Enhanced Model 705 detects a level above the highest measurement point of the probe the operational mode is shown as “May Be Flooded.” This is due to the fact that since the actual level location above the top of some probes is not known, the output may not be accurate. The Model 705 operational mode is DRY_PROBE when the level is below the end of the probe. Again, the output may not be accurate, since the location of the level below the end of the probe is not known. The TRANSDUCER BLOCK output is calculated as LEVEL_OFFSET. When in the dry probe condition, the Model 705 compares the measured length of the probe to the value entered into the PROBE_LENGTH parameter. If the measured value does not match PROBE_LENGTH, a fault is reported. The QUALITY will be shown as “Bad,” and the SUB_STATUS is “Configuration error.” If the Model 705 fails to find a measurable level, either due to an actual loss of a level signal or the loss of a proper Fiducial (reference) signal, the TRANSDUCER BLOCK maintains the last good value as the output and flags the failure. The QUALITY is “Bad,” the SUB_STATUS is “Sensor failure” for no level (or “Device failure” for loss of the Fiducial), and the LIMIT attribute is “Constant.” Device status conditions and the effects on PV Status are summarized in section 7.1.2. 6.1 Simulation Feature The Eclipse Model 705 with PROFIBUS PA™ supports the Simulate feature in the Analog Input Block. The Simulate feature is typically used to exercise the operation of an AI block by simulating a TRANSDUCER block input. When an Analog Input Block is in Manual Mode, the oper- ator can also set the value and status of the OUT parameter to simulate different AI BLOCK outputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |