Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
z Align the probe process connection with the threaded or
flanged mounting on the vessel.
{ For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
| Probe can be shortened in field:
a. Raise TFE weight (1) exposing securing device (2).
b. Loosen both #10–32 set screws (3) using 3⁄32" (2.5 mm)
hex wrench and remove securing device.
c. Cut and remove needed cable (4) length.
d. Reattach securing device and tighten screws.
e. Enter new probe length (inches or cm) in software.
} Probe can be attached to the tank bottom using the
0.50" (13 mm)
∅ hole provided in theTFE weight.
Cable tension should not exceed 20 lbs.
3.4.4 Installation Guidelines
Models 7x2/7x5 Bulk Solids Probes
The Model 7x2 and 7x5 Bulk Solids probes are designed for
a 3000 lb. (1360 kg) pull-down force for use in applications
such as sand, plastic pellets and grains. It is offered with a
maximum 75 foot (22 meter) probe length.
Model 7x2 Single Rod — dielectric
≥4
Model 7x5 Twin Rod — dielectric
≥1.9
NOTE: Avoid cement, heavy gravel, etc.
3.4.4.1 Applications
1. Plastic pellets, sugar: Dielectric constant 1.9-2.0
2. Grain, seeds, sand:
Dielectric constant 2.0-3.0
3. Salts: Dielectric constant 4.0-7.0
4. Metallic powder, coal dust:
Dielectric constant >7
3.4.4.2 Mounting recommendations
1. Use a weight instead of securing the probe to the vessel.
2. Mount probe at least 12 inches from the wall. Ideal
location is 1⁄4 to 1⁄6 the diameter to average the angle
of repose.
3. A metal flange must be used when mounting on plastic
vessels.
3.4.4.3 To install a Model 7x5 bulk solids flexible twin rod
probe:
x Make sure the process connection is at least 2" NPT or a
flanged mounting.
1
0.50" (13 mm) Ø
2
3
4
⑤
①
②
③
④



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com