Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705-5100-F21 Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 17Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 18Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 19Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 20Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 21Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 22Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 23Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
3.4.5 Installing the Transmitter
The transmitter can be ordered for installation as an
Integral or Remote configuration.
3.4.5.1 Integral Mount
x Remove the protective plastic cap from the top of the
probe. Put the cap in a safe place in case the transmitter has
to be removed later.
y Place the transmitter on the probe. Be careful not to bend
or dirty the gold, high frequency (male) connector.
z Align the universal connection at the base of the transmitter
housing with the top of the probe. Hand-tighten the
connection.
{ Rotate the transmitter to face the most convenient direction
for wiring, configuration, and viewing.
| When the transmitter is facing the desired direction, use a
11⁄2" (38 mm) wrench to tighten the universal connection on
the transmitter to 15 ft-lbs. A torque wrench is highly rec-
ommended. This is a critical connection. DO NOT LEAVE
HAND-TIGHTENED.
3.4.5.2 Remote Mount
x Mount the transmitter/remote bracket as an assembly
within 33" (84 cm) of the probe. DO NOT REMOVE
TRANSMITTER FROM BRACKET.
y Remove the protective plastic cap from the top of the probe.
Put the cap in a safe place in case the transmitter has to be
removed later.
z Align the universal connection at the end of the remote
assembly with the top of the probe. Using a 11⁄2" (38 mm)
wrench, tighten the universal connection on the transmitter
to 15 ft-lbs. A torque wrench is highly recommended. This is
a critical connection. DO NOT LEAVE HAND-TIGHT-
ENED.
x
y
z
{
|
x
y
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com