Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 152 page
background image
CMP2C0 Register
- HT45F23
Bit
76543210
Name
CMP2OP
C2OFM
C2RS
C2OF4
C2OF3
C2OF2
C2OF1
C2OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00010000
Bit 7
CMP2OP: comparator output; positive logic. This bit is read only.
Bit 6
C2OFM: Comparator mode or input offset voltage cancellation mode
0: comparator mode
1: input offset voltage cancellation mode
When the C2OFM=1, comparator inputs are always from I/O pins. i.e. the CNPSEL and C1NSEL
will be forced to
²1². That means disconnect the input from OPAs output.
Bit 5
C2RS: Operational amplifier input offset voltage cancellation reference selection bit
0: select C2P as the reference input
1: select CNP as the reference input
Bit 4~0
C2OF4~C2OF0: Comparator input offset voltage cancellation control bits
CMP2C0 Register
- HT45F43
Bit
76543210
Name
CMP2OP
¾¾¾¾¾¾¾
R/W
R
¾¾¾¾¾¾¾
POR
0
¾¾¾¾¾¾¾
Bit 7
CMP2OP: comparator output; positive logic. This bit is read only.
Bit 6~0
unimplemented, read as
²0²
CMP2C1 Register
- HT45F23/HT45F43
Bit
76543210
Name
CMPES1
CMPES0
¾¾
C2INTEN
C2OUTEN
C2PSEL
CMP2EN
R/W
R/W
R/W
¾¾
R/W
R/W
R/W
R/W
POR
00
¾¾
0010
Bit 7~6
CMPES1, CMPES0: Interrupt edge control bits
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
Bit 5~4
unimplemented, read as
²0²
Bit 3
C2INTEN: Comparator 2 interrupt control bit
0: disable
1: enable
Bit 2
C2OUTEN: Comparator 2 output pin control bit
0: disable
1: enable
Bit 1
C2PSEL: Comparator 2 non-inverting input control bit
0: from VL0
1: from C2P pin
Bit 0
CMP2EN: Comparator 2 enable or disable control bit
0: disable
1: enable
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
109
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com