Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
CMP1 I/O status description:
The following table illustrates the CMP1 I/O settings.
CMP1EN
C1OUTEN
CNPSEL
C1NSEL
IO1, IO2, IO5
0
x
x
x
IO1, IO2, IO5 are I/Os
1000
IO1, IO2, IO5 are I/Os
1001
IO1/C1N is Comparator input and IO2, IO5 are I/Os.
1010
VH1, IO2/CNP are Comparator input and IO1, IO5 are I/Os.
1011
IO1/C1N, IO2/CNP are Comparator input pins and IO5 is I/O.
1100
IO1, IO2 are I/Os. C1OUT is Comparator output pin.
1101
IO1/C1N is Comparator input. Comparator positive input is from
OPA output. IO2 is I/O. C1OUT is Comparator output pin.
1110
VH1, IO2/CNP are Comparator input pins and IO1 is I/O.
C1OUT is Comparator output pin.
1111
IO1/C1N, IO2/CNP are Comparator input pins and C1OUT is
Comparator output pin.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
111
September 15, 2011
S 2 A
S W 1
S W 2
S W 3
S 7 C
I O 2 / C N P
I O 3 / C 2 P
I O 1 / C 1 N
V H 0
V L 0
C N P S E L
C 2 P S E L
C 1 N S E L
S 3 A
S 1 A
S 2 B
S 3 B
S 1 B
A 1 O 2 C I N
S 1 0 D
A 2 O 2 C I N
O P A 1
O P A 2
E d g e S e l e c t
C M P I N T
C I N T 0
C M P E S 1 , C M P E S 0
C M P 1 0 P
C M P 1
C M P 2
C 1 I N T E N
C 2 I N T E N
C M P 2 0 P
C 1 O U T E N
C 2 O U T E N
C I N T 0
I O 5 / C 1 O U T
I O 4 / C 2 O U T
N o t e : S 1 A ~ S 3 A a n d S 1 B ~ S 3 B a r e f o r H T 4 5 F 2 3 o n l y .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com