Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
INTC1 Register
Bit
76543210
Name
¾
MFF
SIMF
T1F
¾
EMFI
ESIM
ET1I
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
000
¾
000
Bit 7
unimplemented, read as
²0²
Bit 6
MFF: Multi-function interrupt request flag
0: inactive
1: active
Bit 5
SIMF: SPI/I
2C interrupt request flag
0: inactive
1: active
Bit 4
T1F: Timer/Event counter 1 interrupt request flag
0: inactive
1: active
Bit 3
unimplemented, read as
²0²
Bit 2
EMFI: Multi-function interrupt enable
0: disable
1: enable
Bit 1
ESIM: SPI/I
2C interrupt enable
0: disable
1: enable
Bit 0
ET1I: Timer/Event counter 1 interrupt enable
0: disable
1: enable
MFIC0 Register
Bit
76543210
Name
PEF
TB1F
TB0F
ADF
EPI
TB1E
TB0E
EADI
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
PEF: External peripheral interrupt request flag
0: inactive
1: active
Bit 6
TB1F: Time Base 1 interrupt request flag
0: inactive
1: active
Bit 5
TB0F: Time Base 0 interrupt request flag
0: inactive
1: active
Bit 4
ADF: A/D converter interrupt request flag
0: inactive
1: active
Bit 3
EPI: External peripheral interrupt enable
0: disable
1: enable
Bit 2
TB1E: Time Base 1 interrupt enable
0: disable
1: enable
Bit 1
TB0E: Time Base 0 interrupt enable
0: disable
1: enable
Bit 0
EADI: A/D converter interrupt enable
0: disable
1: enable
Rev. 1.20
116
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com