Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 119 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
The external interrupt pins are connected to an internal filter to reduce the possibility of unwanted
external interrupts due to adverse noise or spikes on the external interrupt input signal. As this internal
filter circuit will consume a limited amount of power, a configuration option is provided to switch off
the filter function, an option which may be beneficial in power sensitive applications, but in which the
integrity of the input signal is high. Care must be taken when using the filter on/off configuration
option as it will be applied not only to both the external interrupt pins but also to the Timer/Event
Counter external input pins. Individual external interrupt or Timer/Event Counter pins cannot be
selected to have a filter on/off function.
INTEDGE Register
Bit
76543210
Name
¾¾¾¾
INT1S1
INT1S0
INT0S1
INT0S0
R/W
¾¾¾¾
R/W
R/W
R/W
R/W
POR
¾¾¾¾
0000
Bit 7~4
unimplemented, read as
²0²
Bit 3~2
INT1S1, INT1S0: INT1 Edge select
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
Bit 1, Bit 0
INT0S1, INT0S0: INT0 Edge select
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
External Peripheral Interrupt
The External Peripheral Interrupt operates in a similar way to the external interrupt and is contained
within the Multi-function interrupt.
For an external peripheral interrupt to occur, the global interrupt enable bit, EMI, external peripheral
interrupt enable bit, EPI, and Multi-function interrupt enable bit, EMFI, must first be set. An actual
external peripheral interrupt will take place when the external interrupt request flag, PEF, is set, a
situation that will occur when a negative transition, appears on the PINT pin. The external peripheral
interrupt pin is pin-shared with the I/O pin PB5, and is configured as a peripheral interrupt pin via a
configuration option. When the interrupt is enabled, the stack is not full and a negative transition type
appears on the external peripheral interrupt pin, a subroutine call to the Multi-function interrupt vector
at location18H, will take place. When the external peripheral interrupt is serviced, the EMI bit will be
cleared to disable other interrupts, however only the MFF interrupt request flag will be reset. As the
PEF flag will not be automatically reset, it has to be cleared by the application program.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global interrupt enable bit, EMI, and the
corresponding timer interrupt enable bit, ET0I or ET1I, must first be set. An actual Timer/Event
Counter interrupt will take place when the Timer/Event Counter request flag, T0F or T1F, is set, a
situation that will occur when the Timer/Event Counter overflows. When the interrupt is enabled, the
stack is not full and a Timer/Event Counter overflow occurs, a subroutine call to the timer interrupt
vector at location 0CH or 10H, will take place. When the interrupt is serviced, the timer interrupt
request flag, T0F or T1F, will be automatically reset and the EMI bit will be automatically cleared to
disable other interrupts.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
119
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com