Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 152 page
background image
LVDC Register
Bit
76543210
Name
¾¾
LVDO
LVDEN
¾
VLVD2
VLVD1
VLVD0
R/W
¾¾
R
R/W
¾
R/W
R/W
R/W
POR
¾¾
00
¾
000
Bit 7~6
unimplemented, read as
²0²
Bit 5
LVDO: LVD Output Flag
0: No Low Voltage Detect
1: Low Voltage Detect
Bit
LVDEN: Low Voltage Detector Control
0: Disable
1: Enable
Bit 3
unimplemented, read as
²0²
Bit 2~0
VLVD2 ~ VLVD0: Select LVD Voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.4V
LVD Operation
The Low Voltage Detector function operates by comparing the power supply voltage, VDD, with a
pre-specified voltage level stored in the LVDC register. This has a range of between 2.0V and 4.4V.
When the power supply voltage, VDD, falls below this pre-determined value, the LVDO bit will be set
high indicating a low power supply voltage condition. The Low Voltage Detector function is supplied
by a reference voltage which will be automatically enabled. When the device is powered down the low
voltage detector will remain active if the LVDEN bit is high. After enabling the Low Voltage Detector,
a time delay tLVDS should be allowed for the circuitry to stabilise before reading the LVDO bit. Note also
that as the VDD voltage may rise and fall rather slowly, at the voltage nears that of VLVD, there may be
multiple bit LVDO transitions.
The Low Voltage Detector also has its own interrupt which is contained within one of the
Multi-function interrupts, providing an alternative means of low voltage detection, in addition to
polling the LVDO bit. The interrupt will only be generated after a delay of tLVD after the LVDO bit has
been set high by a low voltage condition. When the device is powered down the Low Voltage Detector
will remain active if the LVDEN bit is high. In this case, the LVDF interrupt request flag will be set,
causing an interrupt to be generated if VDD falls below the preset LVD voltage. This will cause the
device to wake-up from the SLEEP or IDLE Mode, however if the Low Voltage Detector wake up
function is not required then the LVDF flag should be first set high before the device enters the SLEEP
or IDLE Mode.
Rev. 1.20
128
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
V D D
V L V D
L V D E N
L V D O
t L V D S
LVD Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com