Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F23 Datasheet(PDF) 129 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 129 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 133Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 152 page
background image
Voice Output
Voice Control
The voice control register controls the DAC circuit. If the DAC circuit is not enabled, any DAH/DAL
outputs will be invalid. Writing a
²1² to the DACEN bit will enable the DAC circuit and channel the
DAC output to its corresponding I/O pin, while writing a
²0² to the DACEN bit will disable the DAC
circuit.
Audio Output and Volume Control
- DAL, DAH, DACTRL
The audio output is 12-bits wide whose highest 8-bits are written into the DAH register and whose
lowest four bits are written into the highest four bits of the DAL register. Bits 0~3 of the DAL register
are always read as zero.
There are 8 levels of volume which are setup using the DACTRL register. The highest 3-bits of this
register are used for volume control and the DACEN bit is used to control the DAC function enable or
not. Once the DACEN bit is set to
²1², this will channel the DAC output to the I/O pin and disable the
original I/O pin shared function.
DACTRL Register
Bit
76543210
Name
VOL2
VOL1
VOL0
¾¾¾¾
DACEN
R/W
R/W
R/W
R/W
¾¾¾¾
R/W
POR
0
0
0
¾¾¾¾
0
Bit 7~5
VOL2~VOL0: DAC volume control data
Bit 4~1
unimplemented, read as
²0²
Bit 0
DACEN: DAC enable control bit
0: disable
1: enable
Note: When the DACEN is set to
²1², the DAC signal will be channeled to the I/O pin and
disable the original I/O pin shared function.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
129
September 15, 2011
D A L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D 3
D 2
D 1
D 0
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a L o w R e g i s t e r
D A H R e g i s t e r
b 7
b 0
D 1 1 D 1 0 D 9
D 8
A u d i o o u t p u t
D i g i t a l t o A n a l o g D a t a H i g h R e g i s t e r
D 7
D 6
D 5
D 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com