Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F60 Datasheet(PDF) 125 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 125 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 121Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 122Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 123Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 124Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 125Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 126Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 127Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 128Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 129Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
124
March 06 , 2012
Rev. 1.50
125
March 06 , 2012
16-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=0
CCRP
1~255
000b
Period
CCRP x 256
65536
Duty
CCRA
If fSYS = 16MHz, TM clock source select fSYS/4, CCRP = 2 and CCRA = 128,
The STM PWM output frequency = (fSYS/4) / (2 x 256) = fSYS/2048 = 7.8125kHz, duty = 128 / (2 x
256) = 25%.
If the Duty value defined by the CCRA register is equal to or greater than the Period value, then the
PWM output duty is 100%.
16-bit STM, PWM Mode, Edge-aligned Mode, T0DPX=1
CCRP
1~255
000b
Period
CCRA
Duty
CCRP x 256
65536
The PWM output period is determined by the CCRA register value together with the TM clock
while the PWM duty cycle is defined by the (CCRP x 256) except when the CCRP value is equal to
000b.
Counter Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
Time
CCRP=0
CCRP > 0
Counter overflow
CCRP > 0
Counter cleared by CCRP value
Pause
Resume
Stop
Counter
Restart
TnCCLR = 0; TnM [1:0] = 00
Output pin set to
initial Level Low
if TnOC=0
Output Toggle with
TnAF flag
Note TnIO [1:0] = 10
Active High Output select
Here TnIO [1:0] = 11
Toggle Output select
Output not affected by TnAF
flag. Remains High until reset
by TnON bit
Output Pin
Reset to Initial value
Output controlled by
other pin-shared function
Output Inverts
when TnPOL is high
Compare Match Output Mode — TnCCLR = 0
Note: 1. With TnCCLR=0 a Comparator P match will clear the counter
2. The TM output pin is controlled only by the TnAF flag
3. The output pin is reset to itsinitial state by a TnON bit rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com