Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
SC5010
7
Typical Characteristics
Backlight Efficiency vs. Input Voltage
Backlight Efficiency vs. Input Voltage
Backlight Efficiency vs. LED String Current
Backlight Efficiency vs. LED String Current
PWM Dimming Linearity with Phase Shift
V
IN
(V)
V
IN
(V)
LED PWM Dimming Duty Cycle (%)
LED PWM Dimming Duty Cycle (%)
20mA/string
25mA/string
30mA/string
20mA/string
25mA/string
30mA/string
8P12S
8P10S
8P7S
25mA/string
8P10S
30mA/string
25mA/string
20mA/string
0
5
10
15
20
25
30
75 %
80 %
85 %
90 %
95 %
100 %
0
5
10
15
20
25
30
75 %
80 %
85 %
90 %
95 %
100 %
0
20
40
60
80
100
50 %
60 %
70 %
80 %
90 %
95 %
55 %
65 %
75 %
85 %
0
20
40
60
80
100
50 %
60 %
70 %
80 %
90 %
95 %
55 %
65 %
75 %
85 %
V
IN
= 6V
V
IN
= 12V
25mA/string, 8P10S, 20kHz Dimming
V
IN
= 6V
V
IN
= 12V
V
IN
= 24V
0.1
1
10
100
0.1 %
1 %
10 %
100 %
LED PWM Dimming Duty Cycle (%)
0.1
1
10
100
0.1 %
1 %
10 %
100 %
LED PWM Dimming Duty Cycle (%)
PWM Dimming Linearity with Phase Shift
20mA/string, VIN = 12.6V, 8P10S
20kHz Dimming
10kHz Dimming
1kHz Dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com