Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation SC5010 Datasheet HTML 12Page - Semtech Corporation SC5010 Datasheet HTML 13Page - Semtech Corporation SC5010 Datasheet HTML 14Page - Semtech Corporation SC5010 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
SC5010
11
Typical Characteristics (continued)
Synchronization of the LED Dimming to An
External HSYNC Input
Time (10μs/div)
Time (400ns/div)
V
IO1
5V/div.
V
HSYNC
5V/div.
V
LX
20V/div.
V
IO2
5V/div.
V
IO1
5V/div.
V
HSYNC
5V/div.
LED String Current Accuracy vs. Temperature
HSYNC = 48kHz
Delay Between HSYNC Rising Edge and Turn-
on of LED String 1
-40
-20
0
20
40
60
80
100
19.50
Temperature (°C)
19.75
20.00
20.25
20.50
20.75
21.00
20mA/string (nominal)
VIN Start Up
Time (20ms/div)
V
LX
20V/div.
I
O_LED
(total)
100mA/div.
V
OUT
20V/div.
V
IN
5V/div.
Output = 8P10S, 25mA/string



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com