Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 14Page - Semtech Corporation SC5010 Datasheet HTML 15Page - Semtech Corporation SC5010 Datasheet HTML 16Page - Semtech Corporation SC5010 Datasheet HTML 17Page - Semtech Corporation SC5010 Datasheet HTML 18Page - Semtech Corporation SC5010 Datasheet HTML 19Page - Semtech Corporation SC5010 Datasheet HTML 20Page - Semtech Corporation SC5010 Datasheet HTML 21Page - Semtech Corporation SC5010 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
SC5010
18
Applications Information (continued)
a micro-controller sets a register or counter that varies the
pulse width on a GPIO pin. The SC5010 allows dimming
over a wide frequency range (100Hz-30kHz) in order to
allow compatibility with a wide range of devices. This
includes the newest dimming strategies that avoid the
audio band by using high frequency PWM dimming. In
this manner, a wide range of illumination can be gener-
ated while keeping the instantaneous LED current at its
peak value for high efficiency and color temperature. The
SC5010 provides 1000:1 dimming range at 1kHz PWM fre-
quency. The LED current sinks turn on /off very rapidly
(<25ns, typical). This allows wide dimming ratio. An addi-
tional advantage of PWM dimming comes to customers
who prefer to avoid in-rush currents when filling the boost
output capacitor. Apply the PWMI signal to the device at
10% duty for a millisecond or two, and in-rush current is
reduced. This dimming time will vary based on the number
of LEDs and the size of the output capacitor. This can be
easily determined during testing and programmed into
the micro-controller firmware.
Mode 2 — Indirect Control
This is the default mode for LED PWM dimming in SC5010.
In this mode, the input signal applied on PWMI pin is passed
through a duty cycle extractor block. The extractor mea-
sures the duty cycle of the PWMI input and converts it to a
10-bit value. This value is then passed to the PWM genera-
tor block as shown in the Figure 1 below.
The LED PWM output frequency is set via the FREQ regis-
ter (address 0x05) and the FAST_FREQ bit.
With FAST_FREQ = 0, low dimming frequency option is
selected and the PWM dimming frequency will be accord-
ing to the following equation.
10kHz(max)
]
1
]
0
:
7
[
FREQ
[
1024
MHz
10
Frequency
Dimming
PWM
With FAST_FREQ = 1, high dimming frequency option is
selected and the PWM dimming frequency is shown by
the following equation.
20kHz(max)
]
1
]
0
:
7
[
FREQ
[
512
MHz
10
Frequency
Dimming
PWM
The default option is FAST_FREQ = 1. This gives 9-bit duty
cycle resolution and up to 20kHz dimming frequency
range. The PWMI input is usually generated by the system
graphics processor. This mode allows the user to set the
Softstart
1
I2C Interface
1
0
IN T_DUTY B it
D [9:0] B its
10
PW M
G enerator
FR E Q B its
10
P hase S hifting
(45º)
FastFreq B it
PH _S H IFT Bit
8
EN
1
0
PW M I
8
IN T_PW M Bit
E xtracted duty
cycle from
P W M I Input
LE D Frequency and P haseS hifter B lock
PW M _ps[8:1]
A ll bits identical
w hen phase
shifting disabled
8
P W M [8:1]
10
Duty Cycle
E xtractor
PW M I
Input
Figure 1— LED PWM Dimming Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com