Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 20Page - Semtech Corporation SC5010 Datasheet HTML 21Page - Semtech Corporation SC5010 Datasheet HTML 22Page - Semtech Corporation SC5010 Datasheet HTML 23Page - Semtech Corporation SC5010 Datasheet HTML 24Page - Semtech Corporation SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation SC5010 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
SC5010
24
Components Selection
Inductor Selection
The choice of the inductor affects the converter’s steady
state operation, transient response, and its loop stability.
Special attention needs to be paid to three specifications
of the inductor, its value, its DC resistance and saturation
current. The inductor’s inductance value also determines
the inductor ripple current. The boost converter will
operate in either CCM (Continuous Conduction Mode) or
DCM (Discontinuous Conduction Mode) depending on its
operating conditions. The inductor DC current or input
current can be calculated using the following equation.
V
I
V
I
IN
OUT
OUT
IN
I
IN — Input current; IOUT — Output current;
V
OUT — Boost output voltage;
V
IN — Input voltage;
η — Efficiency of the boost converter.
Then the duty ratio under CCM is shown by the following
equation.
D
OUT
D
IN
OUT
V
V
V
V
V
D
V
D
– Forward conduction drop of output rectifying diode
When the boost converter runs under DCM ( L < L
boundary
),
it takes the advantages of small inductance and quick
transient response; where as if the boost converter works
under CCM (L > L
boundary
), normally the converter has higher
efficiency.
When selecting an inductor, another factor to consider is
the peak-to-peak inductor current ripple, which is given
by the following equation.
L
f
D
V
I
SW
IN
L
Usually this peak-to-peak inductor current ripple can be
chosen between 30% to 50% of the maximum input DC
current. This gives the best compromise between the
inductor size and converter efficiency. The peak inductor
current can be calculated using the following equation.
SW
IN
IN
L-peak
For most applications, an inductor with value of 2.2
μH to
22
μH should be acceptable, (refer to the Typical
Application Circuit on page 21). The inductor peak current
must be less than its saturation rating. When the inductor
current is close to the saturation level, its inductance can
decrease 20% to 35% from the 0A value depending on the
vendor specifications. Using a small value inductor forces
the converter in DCM, in which case the inductor current
ramps down to zero before the end of each switching
cycle. It reduces the boost converter’s maximum output
current and produces larger input voltage ripple. The DCR
of the inductor plays a significant role for the total system
efficiency and usually there is a trade-off between the DCR
and size of the inductor. Table 3 lists some recommended
inductors and their vendors.
Table 3
— Recommended Inductors
Inductor
Web site
XFL4020, 2.2μH ~ 4.7μH
www.coilcraft.com
DR73, 4.7μH ~ 22μH; DR74, 4.7μH ~ 22μH
www.cooperet.com
IHLP-2525CZ-01, 4.7μH ~ 10μH
www.vishay.com
DS84LC, 4.7μH ~ 10μH; D62LCB, 4.7μH ~ 22μH
www.toko.co.jp
Output Capacitor Selection
The next design task is targeting the proper amount of
output ripple voltage due to the constant-current LED
loads. Usually X5R or X7R ceramic capacitor is recom-
mended. The ceramic capacitor minimum capacitance
needed for a given ripple can be estimated using the fol-
lowing equation.
V
RIPPLE – Peak to peak output ripple.
The ripple voltage should be less than 200mV (pk-pk) to
ensure good LED current sink regulation. For example, a
typical application where 20mA/channel current is
needed, the total output current for 8 channels will be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com