Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation SC5010 Datasheet HTML 12Page - Semtech Corporation SC5010 Datasheet HTML 13Page - Semtech Corporation SC5010 Datasheet HTML 14Page - Semtech Corporation SC5010 Datasheet HTML 15Page - Semtech Corporation SC5010 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SC5010
12
Pin Descriptions
Pin #
Pin Name
Pin Function
1VCC
Input bias voltage supply for the IC — accepts 4.5-5.5V inputs. Add a 1μF or larger ceramic bypass capacitor from
this pin to ground.
2EN
Logic high enable pin — pull logic high to enable the device or pull low to disable and maintain low shutdown
current.
3
UVLO
Input under-voltage lockout pin — Device is disabled when this pin is less than 1.23V (nominal). Add a resistor
divider from this pin to the input voltage and AGND, respectively.
4
SCP
Short circuit LED protection programming pin. Shorted LED protection disables the individual channel when the
current sink voltage exceeds the programmed voltage threshold. Adding resistor divider from this pin to BG and
AGND programs the shorted-LED protection up to 20x the V
SCP
voltage. Pulling the pin high to VCC disables the
SCP feature on all channels.
5
BG
1.23V bandgap output pin — Connect a 1μF ceramic bypass capacitor from this pin to ground.
6
FSET
Step-up (boost) frequency set pin — Connect a resistor from this pin to ground to set the frequency from 200kHz
to 2.2MHz.
7
AGND
Analog ground pin — tie this pin to analog (quiet) ground isolated from the step-up (boost) converter switching
current path.
8
CPLL
Compensation for the internal PLL — connect a compensation resistor and capacitor from this pin to ground. This
pin can be left floating if not used.
9SYNC
SYNC input pin — feeding the SYNC signal (30Hz - 100kHz) to this input results in internal PLL being synchronized
to the SYNC signal. This pin can be left floating if not used.
10
SCL
I2C serial clock input — this pin must be connected to ground if not used.
11
SDA
I2C serial data input — this pin must be connected to ground if not used.
12
ISET
LED current programming pin — connect an external resistor to ground to program the current in the LED strings.
For more details please refer to LED String Peak Current Programming on page 15.
13
FLT
Logic low fault status pin — open-drain output is latched low when fault condition is detected: Open/Short LED,
Shorted String, OVP or OTP. Fault status can be reset by removing fault condition(s) and toggling the EN, VCC or
UVLO pins. This pin can be left floating if not used.
14
PWMI
PWM dimming control input
15
IO8
Regulated current sink LED channel 8 — connect this pin to the cathode of the bottom LED in string 8.
Connect pin to ground to disable this LED string.
16
IO7
Regulated current sink LED channel 7 — connect this pin to the cathode of the bottom LED in string 7.
Connect pin to ground to disable this LED string.
17
IO6
Regulated current sink LED channel 6 — connect this pin to the cathode of the bottom LED in string 6.
Connect pin to ground to disable this LED string.
18
IO5
Regulated current sink LED channel 5 — connect this pin to the cathode of the bottom LED in string 5.
Connect pin to ground to disable this LED string.
19
IO4
Regulated current sink LED channel 4 — connect this pin to the cathode of the bottom LED in string 4.
Connect pin to ground to disable this LED string.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com