Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 29 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation SC5010 Datasheet HTML 28Page - Semtech Corporation SC5010 Datasheet HTML 29Page - Semtech Corporation SC5010 Datasheet HTML 30Page - Semtech Corporation SC5010 Datasheet HTML 31Page - Semtech Corporation SC5010 Datasheet HTML 32Page - Semtech Corporation SC5010 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
SC5010
29
Register Map
Address
Name
Reset
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
Fault Status
0x00
CLF
-
LED_
SHORT
LED_
OPEN
SYNC_GD
OTP
OVP
FAULT
0x01
Device Control
0xB5
WND1
WND0
FAST_
FREQ
FLT_EN
SYNC_EN
PHASE_
SHIFT
INT_
DUTY
INT_PWM
0x02
Analog Dimming
Control
0x1F
-
-
-
IDAC4
IDAC3
IDAC2
IDAC1
IDAC0
0x03
Dimming Duty
Cycle Control 1
0x00
------
D9
D8
0x04
Dimming Duty
Cycle Control 2
0x00
D7
D6
D5
D4
D3
D2
D1
D0
0x05
Dimming Fre-
quency Select
0x00
FREQ7
FREQ6
FREQ5
FREQ4
FREQ3
FREQ2
FREQ1
FREQ0
0x06
PLL Divider MSB
0x00
------
NPLL17
NPLL16
0x07
PLL Divider LSB2
0x00
NPLL15
NPLL14
NPLL13
NPLL12
NPLL11
NPLL10
NPLL9
NPLL8
0x08
PLL Divider LSB1
0x08
NPLL7
NPLL6
NPLL5
NPLL4
NPLL3
NPLL2
NPLL1
NPLL0
0x09
Fade Options
0x80
FADE_EN
FADE_
TYPE
---
STEP_
MUL2
STEP_
MUL1
STEP_
MUL0
0x0A
Fade Rate
0x00
-
FADE_
RATE6
FADE_
RATE5
FADE_
RATE4
FADE_
RATE3
FADE_
RATE2
FADE_
RATE1
FADE_
RATE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com