Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC5010 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation SC5010 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SC5010
8
Typical Characteristics (continued)
LED String Current Matching vs. Temperature
LED String Current vs. R
ISET
Switching Frequency vs. R
FSET
V
BG vs. Temperature
LED String Current Change vs. Analog
Dimming Control Register (IDAC) Value
LED String Current Matching vs. Analog
Dimming Control Register (IDAC) Value
IDAC Register Value (in decimal format)
R
FSET
(k

R
ISET
(k

-40
-20
0
20
40
60
80
100
0
0.4 %
0.8 %
1.2 %
1.6 %
Temperature (°C)
40
50
60
70
80
90
100
110
120
130
0.005
0.010
0.015
0.020
0.025
0.030
2400
2000
1600
1200
800
400
0
150
300
450
600
1.2300
1.2305
1.2310
1.2315
1.2320
-40
-20
0
20
40
60
80
100
Temperature (°C)
10 %
0
20 %
30 %
40 %
50 %
60 %
70 %
80 %
90 %
100 %
4
8
12
16
20
24
28
32
IDAC Register Value (in decimal format)
0
4
8
12
16
20
24
28
32
0.4
0.8
1.2
1.6
2.0
2.4
-40 °C
+85 °C
0 °C
25 °C
0.035
20mA/string when IDAC = 31 (in decimal format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com