Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 109Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 110Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 111Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 112Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 113Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 114Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 115Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 116Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 113 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
000A 0040h
USB0
Interrupt status register 0
INTSTS0
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0046h
USB0
BRDY interrupt status register
BRDYSTS
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0048h
USB0
NRDY interrupt status register
NRDYSTS
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 004Ah
USB0
BEMP interrupt status register
BEMPSTS
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 004Ch
USB0
Frame number register
FRMNUM
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 004Eh
USB0
Device state changing register
DVCHGR
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0050h
USB0
USB address register
USBADDR
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0054h
USB0
USB request type register
USBREQ
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0056h
USB0
USB request value register
USBVAL
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0058h
USB0
USB request index register
USBINDX
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 005Ah
USB0
USB request length register
USBLENG
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 005Eh
USB0
DCP maximum packet size register
DCPMAXP
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0060h
USB0
DCP control register
DCPCTR
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0064h
USB0
Pipe window select register
PIPESEL
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0068h
USB0
Pipe configuration register
PIPECFG
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
Table 4.1
List of I/O Registers (Address Order) (37/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com