Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 111Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 112Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 113Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 114Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 115Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 116Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 117Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 118Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 115 of 168
Sep 13, 2011
RX630 Group
4. I/O Registers
○: Available, ×: Not available
000A 0098h
USB0
Pipe 3 transaction counter enable register
PIPE3TRE
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 009Ah
USB0
Pipe 3 transaction counter register
PIPE3TRN
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 009Ch
USB0
Pipe 4 transaction counter enable register
PIPE4TRE
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 009Eh
USB0
Pipe 4 transaction counter register
PIPE4TRN
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 00A0h
USB0
Pipe 5 transaction counter enable register
PIPE5TRE
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 00A2h
USB0
Pipe 5 transaction counter register
PIPE5TRN
16
16
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0400h
USB0
Deep standby USB transceiver control/pin
monitor register
DPUSR0R
32
32
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
000A 0404h
USB0
Deep standby USB suspend/resume interrupt
register
DPUSR1R
32
32
9 PCLKB or
more
Rounded up to the
nearest integer
greater than 1 + 9/
(frequency ratio of
ICLK/PCLKB)*8
007F C402h
FLASH
Flash mode register
FMODR
8
8
2, 3 FCLK
2, 3 ICLK
007F C410h
FLASH
Flash access status register
FASTAT
8
8
2, 3 FCLK
2, 3 ICLK
007F C411h
FLASH
Flash access error interrupt enable register
FAEINT
8
8
2, 3 FCLK
2, 3 ICLK
007F C412h
FLASH
Flash ready interrupt enable register
FRDYIE
8
8
2, 3 FCLK
2, 3 ICLK
007F C440h
FLASH
E2 data flash read enable register 0
DFLRE0
16
16
2, 3 FCLK
2, 3 ICLK
007F C442h
FLASH
E2 data flash read enable register 1
DFLRE1
16
16
2, 3 FCLK
2, 3 ICLK
007F C450h
FLASH
E2 data flash programming/erasure enable
register 0
DFLWE0
16
16
2, 3 FCLK
2, 3 ICLK
007F C452h
FLASH
E2 data flash programming/erasure enable
register 1
DFLWE1
16
16
2, 3 FCLK
2, 3 ICLK
007F C454h
FLASH
FCU RAM enable register
FCURAME
16
16
2, 3 FCLK
2, 3 ICLK
007F FFB0h
FLASH
Flash status register 0
FSTATR0
8
8
2, 3 FCLK
2, 3 ICLK
007F FFB1h
FLASH
Flash status register 1
FSTATR1
8
8
2, 3 FCLK
2, 3 ICLK
007F FFB2h
FLASH
Flash P/E mode entry register
FENTRYR
16
16
2, 3 FCLK
2, 3 ICLK
007F FFB4h
FLASH
Flash protection register
FPROTR
16
16
2, 3 FCLK
2, 3 ICLK
007F FFB6h
FLASH
Flash reset register
FRESETR
16
16
2, 3 FCLK
2, 3 ICLK
007F FFBAh
FLASH
FCU command register
FCMDR
16
16
2, 3 FCLK
2, 3 ICLK
007F FFC8h
FLASH
FCU processing switching register
FCPSR
16
16
2, 3 FCLK
2, 3 ICLK
007F FFCAh
FLASH
E2 data flash blank check control register
DFLBCCNT
16
16
2, 3 FCLK
2, 3 ICLK
007F FFCCh
FLASH
Flash P/E status register
FPESTAT
16
16
2, 3 FCLK
2, 3 ICLK
007F FFCEh
FLASH
E2 data flash blank check status register
DFLBCSTAT
16
16
2, 3 FCLK
2, 3 ICLK
007F FFE8h
FLASH
Peripheral clock notification register
PCKAR
16
16
2, 3 FCLK
2, 3 ICLK
Note 1.
When the same output trigger is specified for pulse output groups 2 and 3 by the PPG0.PCR setting, the PPG0.NDRH address is 000881ECh. When different output
triggers are specified, the PPG0.NDRH addresses for pulse output groups 2 and 3 are 000881EEh and 000881ECh, respectively.
Table 4.1
List of I/O Registers (Address Order) (39/39)
Address
Module
Symbol
Register Name
Register Symbol
Number
of Bits
Access
Size
Number of Access States
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com