Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 114Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 115Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 116Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 117Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 118Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 119Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 120Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 121Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 118 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.2
DC Characteristics
Note 1. This does not include the pins, which are multiplexed as ports for 5 V tolerant.
Note 2. Ports 07, 12 to 17, 20 to 25, 30 to 34, 50 to 52, 54 to 57, 67, 74 to 77, 80 to 82, A1 to A4, A6, B, and C are 5 V tolerant.
Note 3. For P32, P31, P30, and XCIN, input as follows when the VBATT power supply is selected.
VIH Min. = VBATT × 0.8, VIH Max. = VBATT + 0.3, VIL Min. = –0.3, VIL Max. = VBATT × 0.2
Table 5.2
DC Characteristics (1)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
IRQ input pin*1
MTU input pin*1
TMR input pin*1
SCI input pin*1
ADTRG# input pin*1
RES#, NMI
VIH
VCC × 0.8
—
VCC + 0.3
V
VIL
–0.3
—
VCC × 0.2
V
T
VCC × 0.06
—
—
RIIC input pin
(except for SMBus)
VIH
VCC × 0.7
—
5.8
VIL
–0.3
—
VCC × 0.3
V
T
VCC × 0.05
—
—
Ports for 5 V tolerant*2
VIH
VCC × 0.8
—
5.8
VIL
–0.3
—
VCC × 0.2
Other input pins excluding ports
for 5 V tolerant*3
VIH
VCC × 0.8
—
VCC + 0.3
VIL
–0.3
—
VCC × 0.2
Input high voltage
(except for
Schmitt trigger
input pin)
MD pin, EMLE
VIH
VCC × 0.9
—
VCC + 0.3
V
EXTAL, RSPI, WAIT#, TCK
VCC × 0.8
—
VCC + 0.3
XCIN*3
VCC × 0.8
—
VCC + 0.3
D0 to D31
VCC × 0.7
—
VCC + 0.3
RIIC (SMBus)
2.1
—
VCC + 0.3
Input low voltage
(except for
Schmitt trigger
input pin)
MD pin, EMLE
VIL
–0.3
—
VCC × 0.1
V
EXTAL, RSPI, WAIT#, TCK
–0.3
—
VCC × 0.2
XCIN*3
–0.3
—
VCC × 0.2
D0 to D31
–0.3
—
VCC × 0.3
RIIC (SMBus)
–0.3
—
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com