Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 118Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 119Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 120Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 121Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 122Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 123Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 124Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 122 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.3
AC Characteristics
Note 1. The PCLKB must run at a frequency of at least 24 MHz if the USB is in use.
Note 2. The FCLK must run at a frequency of at least 8 MHz when changing the ROM or E2 DataFlash memory contents.
Table 5.6
Operation Frequency Value (High-Speed Operating Mode)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Operation
frequency
System clock (ICLK)
f
—
—
100
MHz
Peripheral module clock (PCLKB)
—*1
—50
FlashIF clock (FCLK)
—*2
—50
External bus clock (BCLK)
—
—
50
BCLK pin output
—
—
25
USB clock (UCLK)
—
—
48
IEBUS clock (IECLK)
—
—
44.03
Table 5.7
Operation Frequency Value (Low-Speed Operating Mode 1)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Operation
frequency
System clock (ICLK)
f
—
—
1
MHz
Peripheral module clock (PCLKB)
—
—
1
FlashIF clock (FCLK)
—
—
1
External bus clock (BCLK)
—
—
1
BCLK pin output
—
—
1
USB clock (UCLK)
—
—
1
IEBUS clock (IECLK)
—
—
1
Table 5.8
Operation Frequency Value (Low-Speed Operating Mode 2)
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Operation
frequency
System clock (ICLK)
f
32
—
143.75
kHz
Peripheral module clock (PCLKB)
—
—
143.75
FlashIF clock (FCLK)
32
—
143.75
External bus clock (BCLK)
—
—
143.75
BCLK pin output
—
—
143.75
USB clock (UCLK)
—
—
143.75
IEBUS clock (IECLK)
—
—
143.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com