Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 120Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 121Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 122Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 123Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 124Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 127Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 124 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Figure 5.1
BCLK Pin Output, SDCLK Pin Output Timing
Figure 5.2
EXTAL External Clock Input Timing
Figure 5.3
Main Clock Oscillation Start Timing
Figure 5.4
LOCO Clock Oscillation Start Timing
tCf
tCH
tBcyc, tSDcyc
tCr
tCL
BCLK pin output, SDCLK pin output
Test conditions: VOH = VCC × 0.7, VOL = VCC × 0.3, IOH = –1.0 mA, IOL = 1.0 mA, C = 30 pF
tEXH
tEXcyc
EXTAL external clock input
VCC × 0.5
tEXL
tEXr
tEXf
Main clock oscillator output
MOSCCR.MOSTP
tMAINOSC
Main clock
tMAINOSCWT
LOCO clock
LOCOCR.LCSTP
tLOCOWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com