Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 125Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 127Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 128Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 129Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 130Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 131Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 132Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 129 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Figure 5.14
Deep Software Standby Mode Cancellation Timing
5.4.3
Control Signal Timing
Figure 5.15
NMI Interrupt Input Timing
Figure 5.16
IRQ Interrupt Input Timing
Table 5.13
Control Signal Timing
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V, Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
NMI pulse width
tNMIW
200
——ns
tc (PCLK) × 2
≤ 200 ns Figure 5.15
tc (PCLK) × 2
tc (PCLK) × 2 > 200 ns Figure 5.15
IRQ pulse width
tIRQW
200
——ns
tc (PCLK) × 2
≤ 200 ns Figure 5.16
tc (PCLK) × 2
tc (PCLK) × 2 > 200 ns Figure 5.16
Oscillator
IRQ
Internal reset
Reset exception handling start
Deep software standby mode
Deep software
standby reset
tDSBY
tDSBYWT
NMI
tNMIW
IRQ
tIRQW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com