Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 126Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 127Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 128Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 129Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 130Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 131Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 132Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 133Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 130 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.4.4
Bus Timing
Table 5.14
Bus Timing
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0,
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V,
ICLK = 8 to 100 MHz, BCLK = 8 to 50 MHz, Ta = Topr
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, IOH = -1.0 mA, IOL = 1.0 mA, C = 30 pF
High drive output is selected by the drive capacity control register.
Item
Symbol
Min.
Typ.
Max.
Unit
Address delay time
tAD
—
20
ns
Figure 5.17 to
Figure 5.22
Byte control delay time
tBCD
—20
ns
CS# delay time
tCSD
—20
ns
ALE delay time
tALED
—20
ns
RD# delay time
tRSD
—20
ns
Read data setup time
tRDS
10
—
ns
Read data hold time
tRDH
0—
ns
WR# delay time
tWRD
—20
ns
Write data delay time
tWDD
—20
ns
Write data hold time
tWDH
0—
ns
WAIT# setup time
tWTS
15
—
ns
Figure 5.23
WAIT# hold time
tWTH
0—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com