Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 135Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 136Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 137Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 138Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 139Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 140Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 141Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 142Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 139 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Note 1. The value within parentheses is applicable when the value of the ICMR3.NF[1:0] bits is 11b while the digital filter is enabled by
the setting ICFER.NFE = 1.
Note 2. Cb is the total capacitance of the bus lines.
Table 5.18
Timing of On-Chip Peripheral Modules (4)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
PCLK = 8 to 50 MHz
Ta = Topr
High drive output is selected by the drive capacity control register.
Item
Symb
ol
Min.*1,*2
Max.
Unit
Test
Conditions
RIIC
(Standard-mode,
SMBus)
ICFER.FMPE = 0
SCL input cycle time
tSCL
8(10) × (1/PCLK) +
1300
—
ns
Figure 5.37
SCL input high pulse width
tSCLH
3(5) × (1/PCLK) + 300
—
ns
SCL input low pulse width
tSCLL
5 × (1/PCLK) + 1000
—
ns
SCL, SDA input rise time
tSr
—
1000
ns
SCL, SDA input fall time
tSf
—
300
ns
SCL, SDA input spike pulse removal time
tSP
0
2 × (1/PCLK)
ns
Figure 5.37
SMR.CKS
[1:0] = 00b,
SNFR.NFCS
[2:0] = 001b
SDA input bus free time
tBUF
5 × (1/PCLK) + 1000
—
ns
Figure 5.37
Start condition input hold time
tSTAH
3 (5) × (1/PCLK) + 300
—
ns
Restart condition input setup time
tSTAS
5 × (1/PCLK) + 1000
—
ns
Stop condition input setup time
tSTOS
3 (5) × (1/PCLK) + 300
—
ns
Data input setup time
tSDAS
250
—
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF
RIIC
(Fast-mode)
SCL input cycle time
tSCL
8 (10) × (1/PCLK) +
600
—
ns
Figure 5.37
SCL input high pulse width
tSCLH
3 (5) × (1/PCLK) + 300
—
ns
SCL input low pulse width
tSCLL
5 × (1/PCLK) + 300
—
ns
SCL, SDA input rise time
tSr
20 + 0.1Cb
300
ns
SCL, SDA input fall time
tSf
20 + 0.1Cb
300
ns
SCL, SDA input spike pulse removal time
tSP
0
2 × (1/PCLK)
ns
Figure 5.37
SMR.CKS
[1:0] = 00b,
SNFR.NFCS
[2:0] = 001b
SDA input bus free time
tBUF
5 × (1/PCLK) + 300
—
ns
Figure 5.37
Start condition input hold time
tSTAH
3 (5) × (1/PCLK) + 300
—
ns
Restart condition input setup time
tSTAS
5 × (1/PCLK) + 300
—
ns
Stop condition input setup time
tSTOS
3 (5) × (1/PCLK) + 300
—
ns
Data input setup time
tSDAS
100
—
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com