Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 136Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 137Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 138Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 139Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 140Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 141Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 142Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 143Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 140 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
Note 1. The value in parentheses is used when ICMR3.NF[1:0] are set to 11b while a digital filter is enabled with ICFER.NFE = 1.
Note 2. Cb indicates the total capacity of the bus line.
Figure 5.24
I/O Port Input Timing
Table 5.19
Timing of On-Chip Peripheral Modules (5)
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
PCLK = 8 to 50 MHz
Ta = Topr
High drive output is selected by the drive capacity control register.
Item
Symbol
Min.*1,*2
Max.
Unit
Test
Conditions
RIIC
(Fast-mode+)
ICFER.FMPE = 1
SCL input cycle time
tSCL
8 (10) × (1/PCLK) +
240
—
ns
Figure
5.37
SCL input high pulse width
tSCLH
3 (5) × (1/PCLK) + 120
—
ns
SCL input low pulse width
tSCLL
5 × (1/PCLK) + 120
—
ns
SCL, SDA input rise time
tSr
—
120
ns
SCL, SDA input fall time
tSf
—
120
ns
SCL, SDA input spike pulse removal time
tSP
0
4 × (1/PCLK)
ns
SDA input bus free time
tBUF
5 × (1/PCLK) + 120
—
ns
Start condition input hold time
tSTAH
3 (5) × (1/PCLK) + 120
ns
Restart condition input setup time
tSTAS
5 × (1/PCLK) + 120
—
ns
Stop condition input setup time
tSTOS
3 (5) × (1/PCLK) + 120
—
ns
Data input setup time
tSDAS
50
—
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
550
pF
Simple IIC
(Standard-mode)
SDA input rise time
tSr
—
1000
ns
SDA input fall time
tSf
—
300
ns
SDA input spike pulse removal time
tSP
0
4 × (1/PCLK)
ns
Data input setup time
tSDAS
250
—
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF
Simple IIC
(Fast-mode)
SCL, SDA input rise time
tSr
20 + 0.1Cb
300
ns
SCL, SDA input fall time
tSf
20 + 0.1Cb
300
ns
SCL, SDA input spike pulse removal time
tSP
0
4 × (1/PCLK)
ns
Data input setup time
tSDAS
100
—
ns
Data input hold time
tSDAH
0—
ns
SCL, SDA capacitive load
Cb
—
400
pF
Port
PCLK
tPRW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com