Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 157Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 158Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 155 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.13
E2 Flash Characteristics
Note 1. Definition of reprogram/erase cycle:
The reprogram/erase cycle is the number of erasing for each block. When the reprogram/erase cycle is n times (n = 100000),
erasing can be performed n times for each block. For instance, when 128-byte programming is performed 16 times for different
addresses in 2-Kbyte block and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasing is not enabled (over writing is prohibited).
Note 2. This indicates the minimum number that guarantees the characteristics after reprogramming. (The guaranteed value is in the
range from one to the minimum number.)
Note 3. This indicates the characteristic when reprogram is performed within the specification range including the minimum number.
Table 5.30
E2 Flash Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = Topr
Item
Symbol
FCLK = 4 MHz
20 MHz
≤ FCLK ≤ 50 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
NPEC 100 hours
2 bytes
tDP2
—
0.7
6
—
0.25
2
ms
Programming time
NPEC > 100 hours
2 bytes
tDP2
—
0.7
6
—
0.25
2
ms
Erasure time
NPEC 100 hours
32 bytes
tDE32
—4
40
—2
20
ms
Erasure time
NPEC > 100 hours
32 bytes
tDE32
—7
40
—4
20
ms
Blank check time
2 bytes
tDBC2
—
—
100
—
—
30
μs
Reprogram/erase cycle*1
NDPEC
100000*2
—
—
100000*2
——
Times
Suspend delay time during programming
tDSPD
—
—
250
—
—
120
μs
First suspend delay time during erasing
(in suspend priority mode)
tDSESD1
—
—
250
—
—
120
μs
Second suspend delay time during erasing
(in suspend priority mode)
tDSESD2
—
—
500
—
—
300
μs
Suspend delay time during erasing
(in erasure priority mode)
tDSEED
—
—
500
—
—
300
μs
Data hold time*3
tDDRP
10
—
—
10
—
—
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com