Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 149Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 150Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 154Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 155Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 156Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 153 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.10
Oscillation Stop Detection Timing
Figure 5.44
Oscillation Stop Detection Timing
5.11
Battery Backup Function Characteristics
Note: • The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the
voltage level for switching to battery backup (VDETBATT).
Figure 5.45
Battery Backup Function Characteristics
Table 5.27
Oscillation Stop Detection Circuit Characteristics
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Detection time
tdr
—
—
1
ms
Figure 5.44
Table 5.28
Battery Backup Function Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0, VBATT = 2.3 to 3.6 V
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Voltage level for switching to battery backup
VDETBATT
2.50
2.60
2.70
V
Figure 5.45
Lower-limit VBATT voltage for power supply switching due to
VCC voltage drop
VBATTSW
2.70
—
—
VCC-off period for starting power supply switching
tVOFFBATT
200
—
—
μs
tdr
Main clock or
PLL clock
OSTDSR.OSTDF
LOCO clock
ICLK
VCC
tVOFFBATT
VDETBATT
VBATTSW
VBATT
VCC supply
VBATT supply
VCC supply
Backup power
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com