Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 146Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 147Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 148Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 149Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 150Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 153Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 150 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.9
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Note: • The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet1,
and Vdet2 for the POR/ LVD.
Figure 5.40
Power-on Reset Timing
Table 5.26
Power-on Reset Circuit and Voltage Detection Circuit Characteristics
Conditions: VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection
level
Power-on reset
(POR)
Low power
consumption
function disabled
VPOR
2.5
2.6
2.7
V
Figure 5.40
Low power
consumption
function enabled
2.0
2.35
2.7
Voltage detection circuit (LVD0)
Vdet0
2.7
2.80
2.9
Figure 5.41
Voltage detection circuit (LVD1)
Vdet1_A
2.75
2.95
3.15
Voltage detection circuit (LVD2)
Vdet2_A
2.75
2.95
3.15
Internal reset time
Power-on reset time
tPOR
—
4.6
—
ms
Figure 5.40
LVD0 reset time
tLVD0
—
4.6
—
Figure 5.41
LVD1 reset time
tLVD1
—
0.9
—
Figure 5.42
LVD2 reset time
tLVD2
—
0.9
—
Figure 5.43
Minimum VCC down time
tVOFF
200
—
—
µs
Figure 5.40 and
Figure 5.41
Response delay time
tdet
—
—
200
µs
Figure 5.40 to
Figure 5.43
LVD operation stabilization time (after LVD is enabled)
Td(E-A)
—
—
3
µs
Figure 5.42 and
Figure 5.43
Hysteresis width (LVD1 and LVD2)
V LVH
—80
—
mV
Internal reset signal
(active-low)
VCC
tVOFF
tdet
tPOR
tdet
tPOR
tdet
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com