Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5630BCDFB Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # R5F5630BCDFB
Description  Renesas MCUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5630BCDFB Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button R5F5630BCDFB Datasheet HTML 145Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 146Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 147Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 148Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 149Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 150Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 151Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 152Page - Renesas Technology Corp R5F5630BCDFB Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 165 page
background image
R01DS0060EJ0100 Rev.1.00
Page 149 of 168
Sep 13, 2011
RX630 Group
5. Electrical Characteristics
5.7
D/A Conversion Characteristics
5.8
Temperature Sensor Characteristics
Table 5.24
D/A Conversion Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to VCC
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
10
10
10
Bit
Conversion time
—
—
3.0
µs
20-pF capacitive load
Absolute accuracy
—
±2.0
±4.0
LSB
2-M
Ω resistive load
——±3.0
LSB
4-M
Ω resistive load
—
—
±2.0
LSB
10-M
Ω resistive load
RO output resistance
—
3.6
—
k
Ω
Table 5.25
Temperature Sensor Characteristics
Conditions: VCC = AVCC0 = VCC_USB = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to VCC
VSS = AVSS0 = VREFL/VREFL0 = VSS_USB = 0 V
Ta = Topr
Item
Min.
Typ.
Max.
Unit
Test
Conditions
Relative accuracy
―
±1
―
°C
Temperature slope
―
4.1
―
mV/°C
Output voltage (@25°C)
―
1.26
―
V
Temperature sensor start time
――
30
µs
Sampling time
――
5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com