Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
Analog Integrated Circuit Device Data
23
Freescale Semiconductor
MC34708
Functional Block Description
7
Functional Block Description
7.1
Startup Requirements
At power up, switching and linear regulators are sequentially enabled in time slots of 2.0 ms steps, to limit the inrush current after
an initial delay of 8.0 ms, in which the core circuitry gets enabled. To ensure a proper power up sequence, the outputs of the
switching regulators that are not enabled are discharged at the beginning of the Cold start with weak pull downs on the output.
For that same reason, a 8.0 ms delay allows the outputs of the linear regulators to be fully discharged as well, through the built
in discharge path. The peak inrush current per event is limited. Any under-voltage detection at BP is masked while the power up
sequencer is running. When the switching regulator is enabled it will start in PWM mode and for 3.0 ms and then it will switch
over to the mode that it is programmed to in the SPI.
The Power Up Mode Select pins PUMSx (x = 1,2,3,4,5) are used to configure the startup characteristics of the regulators. Supply
enabling and output level options are selected by hardwiring the PUMSx pins for the desired configuration. The recommended
power up strategy for end products is to bring up as little of the system as possible at booting, essentially sequestering just the
bare essentials to allow processor startup and software to run. With such a strategy, the startup transients are controlled at lower
levels, and the rest of the system power tree can be brought up by software. This allows optimization of supply ordering, where
specific sequences may be required, as well as supply default values. Software code can load up all of the required
programmable options, to avoid sneak paths, under/over-voltage issues, startup surges, etc, without any change in hardware.
The state of the PUMSx pins are latched in before any of the switching or linear regulators are enabled, with the exception of
VCORE. PUMSx options and startup configurations will be robust to a PCUT event, whether occurring during normal operation
or during the 8.0 ms of pre-sequencer initialization, i.e., the system will not end up in an unexpected / undesirable consumption
state.
Table 11 shows the initial setup for the voltage level of the switching and linear regulators, and whether they get enabled.
Table 11. Power Up Defaults
i.MX
Reserved
53
LPM
53
DDR2
53
DDR3
53
LVDDR3
53
LVDDR2
50
50
50
50
50
50
PUMS[4:1]
0000-0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
PUMS5=0
VUSB2
VGEN2
Reserved
Ext PNP
Ext PNP
Ext PNP
Ext PNP
Ext PNP
Ext PNP
Ext PNP Ext PNP Ext PNP Ext PNP Ext PNP
PUMS5=1
VUSB2
VGEN2
Reserved
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
Internal
PMOS
SW1A
(VDDGP)
Reserved
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
SW1B
(VDDGP)
Reserved
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
1.1
SW2(29)
(VCC)
Reserved
1.225
1.3
1.3
1.3
1.3
1.2
1.2
1.2
1.2
1.2
1.2
SW3(29)
(VDDA)
Reserved
1.2
1.3
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
1.2
SW4A(29)
(DDR/SYS)
Reserved
1.5
1.8
1.5
1.35
1.2
1.8
1.2
3.15
3.15
3.15
3.15
SW4B(29)
(DDR/SYS)
Reserved
1.5
1.8
1.5
1.35
1.2
1.8
1.2
1.2
1.8
1.2
1.8
SW5(29)
(I/O)
Reserved
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
SWBST
Reserved
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com