Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 159 page
background image
Analog Integrated Circuit Device Data
65
Freescale Semiconductor
MC34708
Functional Block Description
7.5.6
Linear Regulators (LDOs)
This section describes the linear regulators provided. For convenience, these regulators are named to indicate their typical or
possible applications, but the supplies are not limited to these uses and may be applied to any loads within the specified regulator
capabilities.
A low power standby mode controlled by STANDBY is provided for the regulators with an external pass device in which the bias
current is aggressively reduced. This mode is useful for deep sleep operation, where certain supplies cannot be disabled, but
active regulation can be tolerated with lesser parametric requirements. The output drive capability and performance are limited
in this mode.
All regulators use the main bandgap as reference. The main bandgap is bypassed with a capacitor at REFCORE. The bandgap
and the rest of the core circuitry are supplied from VCORE. The performance of the regulators is directly dependent on the
performance of VCOREDIG and the bandgap. No external DC loading is allowed on VCOREDIG or REFCORE. VCOREDIG is
kept powered as long as there is a valid supply and/or coin cell.
7.5.6.1
General Features
The following applies to all linear regulators, unless otherwise specified.
• Specifications are for an ambient temperature of –40 to 85 °C.
• Advised bypass capacitor is the Murata GRM155R60G225ME95, which comes in a 0402 case.
• In general, parametric performance specifications assume the use of low ESR X5R/X7R ceramic capacitors with 20%
accuracy and 15% temperature spread, for a worst case stack up of 35% from the nominal value. Use of other types with wider
temperature variation may require a larger room-temperature nominal capacitance value to meet performance specs over
temperature. In addition, capacitor derating as a function of DC bias voltage requires special attention. Finally, minimum
bypass capacitor guidelines are provided for stability and transient performance. Larger values may be applied; performance
metrics may be altered and generally improved, but should be confirmed in system applications.
• Regulators which require a minimum output capacitor ESR (those with external PNPs) can avoid an external resistor if ESR
is assured with capacitor specifications or board level trace resistance.
• The output voltage tolerance specified for each of the linear regulators include process variation, temperature range, static
line regulation, and static load regulation.
• The PSRR of the regulators is measured with the perturbating signal at the input of the regulator. The power management IC
is supplied separately from the input of the regulator and does not contain the perturbated signal. During measurements, care
must be taken not to reach the drop out of the regulator under test.
• In the Low Power mode, the output performance is degraded. Only those parameters listed in the Low Power mode section
are guaranteed. In this mode, the output current is limited to much lower currents than in the active mode.
• Regulator performance is degraded in the extended input voltage range. This means that the supply still behaves as a
regulator, and will try to hold up the output voltage by turning the pass device fully on. As a result, the bias current will increase
and all performance parameters will be heavily degraded, such as PSRR and load regulation.
• Note that the minimum operating range specifications in some cases may be conflicting, due to numerous set point and biasing
options, as well as the potential to run BP into one of the software or hardware shutdown thresholds. The specifications are
general guidelines that should be interpreted with some care in such cases.
• When a regulator gets disabled, the output will be pulled towards ground by an internal pull-down. The pull-down is also
activated when RESETb goes low.
•32 kHz spur levels are specified for fully loaded conditions.
ILEAK-SWBST NMOS Off Leakage
•SWBSTIN = 4.5 V, SWBSTMODE [1:0] = 0
-
1.0
6.0
µA
Notes:
55.
VIN is the low side of the inductor that is connected to BP.
Table 53. SWBST Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com