Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
Analog Integrated Circuit Device Data
29
Freescale Semiconductor
MC34708
Functional Block Description
7.3.2.2
Real Time Clock
A Real Time Clock (RTC) is provided with time and day counters as well as an alarm function. The RTC utilizes the 32.768 kHz
crystal oscillator for the time base and is powered by the coin cell backup supply when BP has dropped below operational range.
In configurations where the SRTC is used, the RTC can be disabled to conserve current drain by setting the RTCDIS bit to a 1
(defaults on at power up).
Time and Day Counters
The 32.768 kHz clock is divided down to a 1.0 Hz time tick which drives a 17 bit Time Of Day (TOD) counter. The TOD counter
counts the seconds during a 24 hour period from 0 to 86,399 and will then roll over to 0. When the roll over occurs, it increments
the 15 bit DAY counter. The DAY counter can count up to 32767 days. The 1.0 Hz time tick can be used to generate a 1HZI
interrupt if unmasked.
Time Of Day Alarm
A Time Of Day Alarm (TODA) function can be used to turn on the application and alert the processor. If the application is already
on, the processor will be interrupted. The TODA and DAYA registers are used to set the alarm time. When the TOD counter is
equal to the value in TODA and the DAY counter is equal to the value in DAYA, the TODAI interrupt will be generated.
Timer Reset
As long as the supply at BP is valid, the real time clock will be supplied from VCOREDIG. If BP is not valid, the real time clock
can be backed up from a coin cell via the LICELL pin. When the VSRTC voltage drops to the range of 0.9 - 0.8 V, the RTCPORB
reset signal is generated and the contents of the RTC will be reset. Additional registers backed up by coin cell will also reset with
RTCPORB. To inform the processor that the contents of the RTC are no longer valid due to the reset, a timer reset interrupt
function is implemented with the RTCRSTI bit.
RTC Timer Calibration
A clock calibration system is provided to adjust the 32,768 cycle counter that generates the 1.0 Hz timer for RTC timing registers.
The general implementation relies on the system processor to measure the 32.768 kHz crystal oscillator against a higher
frequency and more accurate system clock such as a TCXO. If the RTC timer needs a correction, a 5-bit 2’s complement
calibration word can be sent via the SPI to compensate the RTC for inaccuracy in its reference oscillator.
VSRTC
Output Voltage VOUT
•VINMIN < VIN < VINMAX
•ILMIN < IL < ILMAX
• PUMS[4:0]
(0110, 0111, 1000, 1001)
• On mode (On, Standby, Standby LPM)
1.15
1.2
1.25
V
VSRTC
Output Voltage VOUT
•VINMIN < VIN < VINMAX
•ILMIN < IL < ILMAX
• PUMS[4:0] = (0110, 0111, 1000, 1001)
• On mode (On, Standby, Standby LPM)
1.25
1.3
1.35
V
ISRTCQ
Active Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
• VSRTC = 1.2 V
• VSRTC = 1.3 V
-
-
1.7
2.7
-
-
A
Table 16. VSRTC Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com