Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
42
MC34708
Functional Block Description
7.5.3.7
Power Monitoring
The voltage at BATT and BP are monitored by detectors as summarized in Table 27.
The UVDET and LOWBATT thresholds are related to the power on/off events as described earlier in this chapter. The LOWBATT
threshold when transitioned from low to a high is used to power on the MC34708. The LOWBATT threshold when transitioned
from high to low, is used as a low battery detect warning. An interrupt LOWBAT is generated when dropping below the high to
low threshold to indicate to the processor that the battery is weak and a shutdown is imminent.
The LOWBATT detection threshold is debounced by the VBATTDB[2:0] SPI bits shown in Table 28.
7.5.3.8
Power Saving
7.5.3.8.1
System Standby
A product may be designed to go into DSM after periods of inactivity, the STANDBY pin is provided for board level control of
timing in and out of such deep sleep modes.
When a product is in DSM, it may be able to reduce the overall platform current by lowering the regulator output voltage, changing
the operating mode of the switching regulators or disabling some regulators. This can be obtained by controlling the STANDBY
pin. The configuration of the regulators in standby is pre-programmed through the SPI.
A lower power standby mode can be obtained by setting the ON_STBY_LP SPI bit to a one. With the ON_STBY_LP SPI bit set
and the STANDBY pin asserted a lower power standby will be entered. In the on Standby Low Power mode, the switching
Regulators should all be programmed into PFM mode and the LDO's should be configured to Low Power mode when the
STANDBY pin is asserted. The PLL is disabled in this mode so the mini USB will only be able to detect if a charger is inserted.
If an audio device, UART, or a USB OTG device is attached the PMIC will not be able to auto detect it in Low Power Standby
Table 27. LOWBATT Detection Thresholds
Threshold in V
Bit setting(38)
UVDET (V)
L to H transition
(Power on)(39)
,(40)
H to L transition
(Low battery detect)(39)
,(40)
LOWBATT1
LOWBATT0
LOWBATT
LOWBATT
0
0
3.1 (Rising)
2.65 (Falling)
3.1
3.0
0
1
3.1 (Rising)
2.65 (Falling)
3.2
3.1
1
0
3.1 (Rising)
2.65 (Falling)
3.3
3.2
1
1
3.1 (Rising)
2.65 (Falling)
3.4
3.3
Notes
38.
Default setting for LOWBATT[1:0] is 11.
39.
The above specified thresholds are ±50 mV accurate for the indicated transition
40.
A hysteresis is applied to the detectors on the order of 100 mV
Table 28. VBATTDB Debounce Times
VATTDB[1:0]
Debounce Time
00
0 (default)
01
2 RTC clock cycles
10
4 RTC clock cycles
11
8 RTC clock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com