Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
94
MC34708
Functional Block Description
Figure 22. Stuck Key Process Flow Diagram
7.8.4.5
Power Supply Type Identification
The PSTI (Power Supply Type Identification) circuit is used in Active mode to identify the type of the connected power supply.
The PSTI circuit first detects whether the DP and DM pins are shorted. If the DP and DM pins are found to be shorted, the PSTI
circuit will continue to determine whether DP and DM pins are a forward short or reverse short. The detection result, together
with the ID detection result, is used to determine what powered accessory is connected.
The PSTI circuit is shown in Figure 23. Its operation is described as follows.
When the MC34708 detects that the VBUS_DET bit is set, the PSTI identification flow starts.
1. Wait for a Detection Delay tD (programmable in the USB Time Delay register).
2. During tD, check to see whether ID_FLOAT = 0. If yes, then wait for the ID_DET_END to be set and check whether the
attached accessory is an A/V cable.
3. If the result is an A/V cable, set the A/V_CHG and ATTACH interrupt bits, as well as the A/V bit in USB Device Type/Status
register, to inform the baseband and finish the identification flow. If not, go to step 4.
4. Enable the PSTI (PSTI_EN set to '1') at t1. When PSTI_EN rises, the SW1 switch is turned on to drive the VDAT_SRC
data source voltage to DP line. In the meantime, the SW2 switch is turned on so the IDAT_SINK current source sinks a
current from the DM line. At t2, the PSTI starts to compare the DM line voltage with references VDAT_REF and VCR_REF.
If the DM line voltage stays above VDAT_REF, but below VCR_REF for 20 ms continuously before t4, which means that
the DP and DM pins are shorted, the DP/DM_short signal is set to '1' at t3. Go to step 5. If the DP and DM are not shorted,
the VBUS detection completes at t4 and the VBUS_DET_END is set to '1'. The state machine will go to step 6 to
determine the type of accessory, based on the DM voltage.
5. The state machine checks if the ID pin is floating. If the ID pin is not floating at t3, the PSTI circuit turns off SW1 and SW2,
and the VBUS detection completes. The VBUS_DET_END is set to '1' and the state machine goes to step 6. If the ID pin
is floating at t3, the PSTI circuit turns off SW1 and SW2, and then turns on SW3 and SW4 to force VDAT_SRC to the DM
pin. If the DP pin is between the two thresholds VDAT_REF and VCR_REF for 20 ms continuously before t6, it means that
the DP and DM pins are a reverse short.The DP/DM_reverse_short is set to '1' at t5, the SW3 and SW4 are turned off,
VBUS_DET_END is set to '1', and the state machine goes to step 6. If DP and DM are not a reverse short, the VBUS
detection completes at t6, SW3 and SW4 are turned off, the VBUS_DET_END is set to '1', and the state machine goes to
step 6.
6. The state machine decides on the attached accessory, based on the ID identification, and the VBUS identification results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com