Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34708 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 159 page
background image
Analog Integrated Circuit Device Data
55
Freescale Semiconductor
MC34708
Functional Block Description
7.5.4.6
SW4
SW4A/B is fully integrated synchronous Buck PWM voltage-mode control DC/DC regulator. It can be operated in (single phase/
dual phase mode) or as separate independent outputs. The operating mode of the Switching regulator is configured by the
SW4CFG pin. The SW4CFG pin is sampled at startup.
Figure 12. SW4A/B Separate Output Mode Block Diagram
Table 43. SW4A/B Configuration
SW4CFG
SW4A/B Configuration Mode
Ground
Separate Independent Output
VCOREDIG
Single Phase
VCORE
Dual Phase
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW4IN
SW4ALX
SW4AFB
ISENSE
COSW4A
CINSW 4A
LSW4A
SPI
Interface
GNDSW4A
SW4A
SW4AMODE
SW4AFAULT
VREF
DAC
SPI
BP
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW4BIN
SW4BLX
SW4BFB
ISENSE
COSW 4B
CINSW 4B
LSW4B
GNDSW4B
SW4B
SW4BMODE
SW4BFAULT
VREF
DAC
SPI
BP
SW4CFG
DSW 4A
DSW4B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com